Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP34DT01-M Datasheet(PDF) 3 Page - STMicroelectronics

Part No. MP34DT01-M
Description  MEMS audio sensor omnidirectional digital microphone
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01-M Datasheet(HTML) 3 Page - STMicroelectronics

  MP34DT01-M Datasheet HTML 1Page - STMicroelectronics MP34DT01-M Datasheet HTML 2Page - STMicroelectronics MP34DT01-M Datasheet HTML 3Page - STMicroelectronics MP34DT01-M Datasheet HTML 4Page - STMicroelectronics MP34DT01-M Datasheet HTML 5Page - STMicroelectronics MP34DT01-M Datasheet HTML 6Page - STMicroelectronics MP34DT01-M Datasheet HTML 7Page - STMicroelectronics MP34DT01-M Datasheet HTML 8Page - STMicroelectronics MP34DT01-M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID026514 Rev 3
3/17
MP34DT01-M
Pin description
17
1
Pin description
Figure 1. Pin connections
Table 2. Pin description
Pin #
Pin name
Function
1
Vdd
Power supply
2
LR
Left/Right channel selection
3
CLK
Synchronization input clock
4
DOUT
Left/Right PDM data output
5 (ground ring)
GND
0 V supply


Similar Part No. - MP34DT01-M

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01 STMICROELECTRONICS-MP34DT01 Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
More results

Similar Description - MP34DT01-M

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 3
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 1
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
   MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
MP45DT01 STMICROELECTRONICS-MP45DT01 Datasheet
375Kb / 11P
   MEMS audio sensor omni-directional digital microphone
August 2010 Rev 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz