Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP34DT01-M Datasheet(PDF) 15 Page - STMicroelectronics

Part # MP34DT01-M
Description  MEMS audio sensor omnidirectional digital microphone
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01-M Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MP34DT01-M Datasheet HTML 9Page - STMicroelectronics MP34DT01-M Datasheet HTML 10Page - STMicroelectronics MP34DT01-M Datasheet HTML 11Page - STMicroelectronics MP34DT01-M Datasheet HTML 12Page - STMicroelectronics MP34DT01-M Datasheet HTML 13Page - STMicroelectronics MP34DT01-M Datasheet HTML 14Page - STMicroelectronics MP34DT01-M Datasheet HTML 15Page - STMicroelectronics MP34DT01-M Datasheet HTML 16Page - STMicroelectronics MP34DT01-M Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID026514 Rev 3
15/17
MP34DT01-M
Process recommendations
17
9
Process recommendations
To ensure a consistent manufacturing process it is strongly advised to comply with following
recommendations:
The recommended pick-up area for the MP34DT01-M package must be defined
using the worst case (ie. no device alignment during picking process). This area
has been defined considering all the tolerances of the components involved (reel,
package, sound inlet). Picker tolerance shall be considered as well.
To prevent damage to the MEMS membrane or incorrect pick-up and placement,
do not pick up the component on the inlet area
For the package outline please refer to Figure 10. Nozzle shape, size, and
placement accuracy are the other key factors to consider when deciding on the
coordinates for the picking.
Device alignment before picking is highly recommended.
A vacuum force greater than 7 psi must be avoided
1 kPa = 0.145 psi (lb/in2) = 0.0102 kgf/cm² = 0.0098 atm
All the recommended dimensions (device safe pick area) do not include the pick
and place equipment tolerances
According to Figure 10, standard picker tool can be used to handle this device
Figure 10. Recommended picking area
GAMS3107141420SG
2.27
Pocket Size Clearance
Sound Port Positional Tolerance
Safe Pick Area
Pocket Positional Tolerance
Package Size Tolerance
1.245
0.58
1.99
Radius of package
corner (0.25 mm)
0.285
1.49
0.23
0.96


Similar Part No. - MP34DT01-M

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01 STMICROELECTRONICS-MP34DT01 Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
More results

Similar Description - MP34DT01-M

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 3
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 1
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
   MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
MP45DT01 STMICROELECTRONICS-MP45DT01 Datasheet
375Kb / 11P
   MEMS audio sensor omni-directional digital microphone
August 2010 Rev 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com