Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP34DT01-M Datasheet(PDF) 10 Page - STMicroelectronics

Part No. MP34DT01-M
Description  MEMS audio sensor omnidirectional digital microphone
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01-M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MP34DT01-M Datasheet HTML 6Page - STMicroelectronics MP34DT01-M Datasheet HTML 7Page - STMicroelectronics MP34DT01-M Datasheet HTML 8Page - STMicroelectronics MP34DT01-M Datasheet HTML 9Page - STMicroelectronics MP34DT01-M Datasheet HTML 10Page - STMicroelectronics MP34DT01-M Datasheet HTML 11Page - STMicroelectronics MP34DT01-M Datasheet HTML 12Page - STMicroelectronics MP34DT01-M Datasheet HTML 13Page - STMicroelectronics MP34DT01-M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Absolute maximum ratings
MP34DT01-M
10/17
DocID026514 Rev 3
5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 6. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin
-0.3 to Vdd +0.3
V
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
3 discharges at ± 8 kV direct contact to lid when unit
is grounded (IEC 61000-4-2) and 3 discharges at
± 2 kV direct contact to I/O pins. (MIL 883E, Method
3015.7)
± 8
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is ESD-sensitive, improper handling can cause permanent damage to the
part.


Similar Part No. - MP34DT01-M

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01 STMICROELECTRONICS-MP34DT01 Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
More results

Similar Description - MP34DT01-M

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 3
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 1
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
   MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
MP45DT01 STMICROELECTRONICS-MP45DT01 Datasheet
375Kb / 11P
   MEMS audio sensor omni-directional digital microphone
August 2010 Rev 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz