Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF30J Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SUF30J
Description  ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SUF30J Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SUF30J Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SUF30J Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
3.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.01
0.1
1
10
100
0.1
1
10
100
10
100
1000
0
20
406080
100
0.001
0.01
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES SUF30G AND SUF30J
FIG. 1 - FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
REVERSE VOLTAGE, VOLTS
TA=60
°C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=100°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
0.78 x 0.78 x 0.04" (20 x 20 x 1mm)
COPPER PLATE
SUF30G
SUF30J
0.200” (5mm)
RESISTIVE OR
INDUCTIVE LOAD
t, PULSE DURATION, sec.
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
www.shunyegroup.com.cn


Similar Part No. - SUF30J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF30J GE-SUF30J Datasheet
43Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
SUF30J VISHAY-SUF30J Datasheet
98Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SUF30J-E3/54 VISHAY-SUF30J-E3/54 Datasheet
98Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SUF30J-E3/73 VISHAY-SUF30J-E3/73 Datasheet
98Kb / 5P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results

Similar Description - SUF30J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG30APT GE-UG30APT Datasheet
73Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG2A GE-UG2A Datasheet
48Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB8AT GE-UGB8AT Datasheet
39Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com