Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKJXL Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RKJXL
Description  Low-profile 6.4mm height contributes to flexibility in set design
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RKJXL Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RKJXL_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RKJXL_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RKJXL_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
461
I max.
H max.
300
200
100
Room
temperature
Pre-heating
E max.
Time(s)
A
B
C
D
F max.
G max.
Notes
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC
board’s temperature greatly differs from that of the switch, depending on the material, size thickness of PC boards
and others. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Soldering surface temperature
Soldering temperature
Heating time
Soldering time
No. of solders
RKJXS
RKJXL
RKJXT1F, RKJXM
RKJXT1F, RKJXM, RKJXL,
SLLB, SLLB5, SRBE, SKRV, SKRH
Series
Series
350±5℃
3s max.
1 time
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
350±10℃
3   s
2 time max.
120℃ max.
260℃ max.
70s max.
6s max.
2 time max.
Tip temperature
Soldering time
No. of solders
Preheating
Dip soldering
Reference for Dip Soldering
Example of Reflow Soldering Condition
Reference for Manual Soldering
SKRV, SKRH, SLLB, SRBE
SLLB5
RKJXS
Series
260℃
230℃
150℃
150℃
2 min.
10s
40s
4 min.
1 time
250℃
230℃
150℃
150℃
2 min.
30s
1 time
260℃
230℃
180℃
150℃
2 min.
40s
1 time
A
B
C
D
E
F
G
H
I
No. of reflows
Temperature profile
+1
−0
Switch Type / Soldering Conditions


Similar Part No. - RKJXL_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXL100401V ALPS-RKJXL100401V Datasheet
136Kb / 2P
   8-directional Stick Switch (with Center-push Function)
logo
List of Unclassifed Man...
RKJXL100401V ETC-RKJXL100401V Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RKJXL_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN ALPS-RSN Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RS60N111900H ALPS-RS60N111900H_15 Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com