Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK27112A0A16 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK27112A0A16
Description  High performance potentiometer with excellent operational feel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK27112A0A16 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK27112A0A16 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK27112A0A16 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK27112A0A16 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK27112A0A16 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK27112A0A16 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK27112A0A16 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
312
List of Varieties
Metal Shaft Potentiometers
Type
16mm size
20mm size
27mm size
50mm size
Rotary motor-driven
Series
RK163
RK203/EC20A
RK271
RK501
RK168
Single-shaft
Number of resistor elements
Single/dual
Single
Single/dual/quad
Dual/quad
Dual/quad/5-ganged/6-ganged
Photo
Terminal mounting
Horizontal
Vertical
Horizontal
Fixing method of bushing
Bushing screw clamp
Operating temperature range
−10℃ to +70℃
RK203:−40℃ to +85℃
EC20A:−30℃ to +80℃
−10℃ to +70℃
Operating life
15,000 cycles
30,000 cycles
15,000 cycles
Available for automotive use
Life cycle (availability)
Electrical
performance
Total resistance
(k Ω)
5, 10, 20, 50,
100, 200
10
5, 10, 20, 50,
100, 250
10, 20, 50, 100
Resistance taper
15A, 1B, 3B, 15C
B
15A, 3B
Rated Power
0.1W
0.05W(15A)
0.05W
0.1W
0.05W
Residual
resistance
R≦10kΩ 20Ω max.
10kΩ<R≦50kΩ 30Ω max.
50kΩ<R<3MΩ
Nominal total resistance of
0.1% or less%
R≦10kΩ 20Ω max.
10kΩ<R<50kΩ 30Ω max.
50kΩ≦R
Nominal total resistance of
0.1% or less%
Maximum
attenuation
(Volume control)
5kΩ≦R< 10kΩ70dB min.
10kΩ≦R< 50kΩ80dB min.
50kΩ≦R<100kΩ90dB min.
100kΩ≦R
100dB min.
5kΩ≦R< 10kΩ70dB min.
10kΩ≦R< 50kΩ80dB min.
50kΩ≦R<100kΩ90dB min.
100kΩ≦R
100dB min.
120dB min.
5kΩ≦R< 10kΩ70dB min.
10kΩ≦R< 50kΩ80dB min.
50kΩ≦R<100kΩ90dB min.
100kΩ≦R
100dB min.
Gang error applicable
to Dual-unit parts for
audio volume control
purposes
−40dB to 0dB
3dB max.
−70dB to −60dB 3dB max.
−60dB to 0dB 2dB max.
−100dB to 0dB
2dB max.
−60dB to −40dB 5dB max.
−40dB to 0dB 3dB max.
Insulation
resistance
100MΩ min. 500V DC 10MΩ min. 250V DC
100MΩ min. 500V DC
100MΩ min. 250V DC
Voltage proof
500V AC
for 1minute
300V AC
for 1minute
500V AC for 1minute
300V AC
for 1minute
Center-taps
Without
Mechanical
performance
Detent
Without, Center,
21, 31, 41
17
Without, Center,
21, 31, 41
Without
Stopper strength
0.9
0.5
0.9
1.5
0.9
Push-pull strength
100N max.
150N max.
100N max.
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Shaft style
Serrated type,
Flat type, Slotted type
Flat type
Slotted type, Flat type
Slotted type
Flat type
Terminal style
Insertion, Lead
Insertion
Attached switch
EC20A: Momentary
push switch
Page
332
337
340
344
346
Metal Shaft Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 349
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
Note
Indicates applicability to some products in the series.


Similar Part No. - RK27112A0A16

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK27112A0A16 ALPS-RK27112A0A16 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
logo
List of Unclassifed Man...
RK27112A0A16 ETC-RK27112A0A16 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK27112A0A16

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
   Low-profile and good operational feel makes this excellent for car air conditioners
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
logo
TT Electronics.
CHC TTELEC-CHC Datasheet
1Mb / 4P
   Excellent high frequency performance
logo
ALPS ELECTRIC CO.,LTD.
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
ALPS ELECTRIC CO.,LTD.
RSN1M ALPS-RSN1M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com