Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF51 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SF51
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SF51 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SF51 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SF51 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF51 THRU SF58
5
4
3
2
1
0
0
25
50
75
100
125
150
175
150
125
100
75
50
25
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
SF51-SF54
SF55-SF58
TJ=100 C
TJ=25 C
0.1
1.0
10
100
TJ=25 C
2
20
200
400
SF51-SF54
SF55-SF58
REVERSE VOLTAGE,VOLTS
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE
www.shunyegroup.com.cn


Similar Part No. - SF51

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SF51 GWSEMI-SF51 Datasheet
71Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Mospec Semiconductor
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Formosa MS
SF51 FORMOSA-SF51 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
DAESAN ELECTRONIC CORP.
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Rectron Semiconductor
SF51 RECTRON-SF51 Datasheet
191Kb / 7P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
2020-03 REV:C
More results

Similar Description - SF51

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com