Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK097122200G Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097122200G
Description  9.5mm width potentiometer ideal for various types of control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097122200G Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK097122200G Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097122200G Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
317
9.5mm width potentiometer ideal for
various types of control
9mm Size Metal Shaft Multi-ganged Type
RK097
Dual-unit
for tone
Dual-unit
for vol.
15
20
25
15
20
With
Without
50
20
RK09712100AV
RK0971210Z2M
RK0971210097
RK09712200MC
RK09712200MY
RK09712200HA
RK097122008T
RK09712200MT
1,200
(A type)
2,400
(A type)
800
(B type)
1,600
(B type)
1,200
(A type)
2,400
(A type)
800
(B type)
1,600
(B type)
2
10
15A
3B
15A
15A
3B
20
Product Line
Single-shaft without switch type
Number of resistor
elements
Mounting
direction
Shaft
type
Length of the shaft
L1(mm)
Center
detent
Total resistance
(k Ω)
Resistance
taper
Products No.
Minimum order unit(pcs.)
Japan
Export
Drawing
No.
1. Other varieties are also available. Refer to "Other Specifications" (P.323, 324).
2. For automotive use, please contact us with detailed specifications.
Notes
Single-unit
Horizontal
type
Flat
15
20
25
Without
With
Without
Without
With
10
20
10
50
15A
1B
15A
1B
1B
15A
RK097111080J
RK0971110909
RK0971110D7F
RK097111020N
RK097111080R
RK0971110D88
RK09711100F8
RK097111091M
RK0971110D57
1,200
(A type)
2,400
(A type)
800
(B type)
1,600
(B type)
1
10
10
50
15A
1B
Refer to P.323 for other specifications.
Refer to P.325 for attached parts.
Refer to P.327 for ordering products not listed.
Refer to P.349 for soldering conditions.
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
50V AC, 10V DC
Total rotational angle
300°±5°
(For shaft movable type, 300°+10°
−5°
Rotational torque
2 to 25mN・m
Operating life
15,000 cycles
Operating temperature range
−20℃ to +70℃ 
−40℃ to +85℃(Vehicle-compatible)


Similar Part No. - RK097122200G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK097122200G ETC-RK097122200G Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK097122200G

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
1203149 PHOENIX-1203149 Datasheet
51Kb / 2P
   Control cabinet key, metal, for all common types of control cabinet
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com