Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK0971221Z05 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RK0971221Z05
Description  9.5mm width potentiometer ideal for various types of control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK0971221Z05 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK0971221Z05 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK0971221Z05 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
323
Total Resistance Variety
Total resistance(kΩ)
10
20
50
100
Resistance Taper
Resistance taper
15A
1B
3B
15C
Single-shaft Dimension
Flat type
Style(Shaft diameter:φ6)
Style(Shaft diameter:φ3.5)
R
G
Detail dimensions
LB
L1
R
15
5
7
20
7
12(10)
25
10
12
30
10
12
Models in parenthesis apply to those with a
push-on switch and those with a push-on, push-
off switch.
Detail dimensions
LB
L1
R
15
5
7
20
7
12(10)
25
10
12
30
10
12
Models in parenthesis apply to those with a
push-on switch and those with a push-on, push-
off switch.
G
R
Unit:mm
Can be fitted with center-taps.
Notes
Dimensions of Terminal
9.5
2
3
1
5
6.7
4
3
2
1
5
9.5
0.3
0.74
Mounting height (H): 6.5mm (10mm and12.5mm also
available upon request.)
For single-unit type with tap is only available with H=6.5mm.
Tap is on the terminal 3 side only.
Detail of 2 terminal belong part
Outline drawing without tap
Outline drawing with tap
Unit:mm
In addition to the products listed, we can accommodate the follow specifications.
Unit:mm
Dimensions of Bushings
Bushing
M6
M7
M9
Dimensions
Applications
For single-shaft only
For single and dual-shaft
For dual-shaft only
G
G
A
A
G
Refer to P.327 for ordering products not listed.
9mm Size Metal Shaft Multi-ganged Type / Other Specifications


Similar Part No. - RK0971221Z05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK0971221Z05 ETC-RK0971221Z05 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK0971221Z05

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
1203149 PHOENIX-1203149 Datasheet
51Kb / 2P
   Control cabinet key, metal, for all common types of control cabinet
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com