Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK0971110D57 Datasheet(PDF) 10 Page - ALPS ELECTRIC CO.,LTD.

Part # RK0971110D57
Description  9.5mm width potentiometer ideal for various types of control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK0971110D57 Datasheet(HTML) 10 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK0971110D57 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. RK0971110D57 Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
326
Bushing
Outer-shaft variety
Inner-shaft variety
Single-unit
Dual-unit
Single-unit
Dual-unit
Tone/Prefader
Vol./Tone
0.5mm travel
1.5mm travel
Rotary switch
Push-on push-off switch
Momentary push switch
With switch
Outer-shaft control
section
Inner-shaft actuator
The single-shaft type product lineups are the same as those in the inner-shaft variety.
Note
Push-lock mechanism
Attached mechanisms
9mm Size Metal Shaft Multi-ganged Type / Configuration Chart


Similar Part No. - RK0971110D57

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK0971110D57 ALPS-RK0971110D57 Datasheet
819Kb / 14P
   9mm Size Metal Shaft Multi-ganged Type
logo
List of Unclassifed Man...
RK0971110D57 ETC-RK0971110D57 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK0971110D57

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
1203149 PHOENIX-1203149 Datasheet
51Kb / 2P
   Control cabinet key, metal, for all common types of control cabinet
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com