Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK39A1A00007 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK39A1A00007
Description  This LED illuminated ring potentiometer is best suited for knob design of various set devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK39A1A00007 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK39A1A00007 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK39A1A00007 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK39A1A00007 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
386
386
Series
1
RK45B
(With LED)
2.5
3.7
22.2
2.5
19.7
9.5
3.5
V45
V25
32
1.2
3.2
24
Mounting surface
2.5
3.7
22.2
2.5
19.7
9.5
3.5
V45
V25
32
1.2
3.2
24
Mounting surface
Dimensions
Unit:mm
No.
Style
Photo
PC board mounting hole dimensions
(Viewed from mounting side)
2
3.2
1.2
ø45
22
24
3.5
14.9
2.5
2.5
22.2
9.5
19.7
3.7
A
3
2
1
K
46.4
35
2-ø2.6
10
5
23
2-1.8
5-ø1.2hole
Mounting Surface
RK45C
(With chip LED)
ø45
22
3.5
14.9
2.5
2.5
22.2
9.5
19.7
3.7
A
3
2
1
K
46.4
35
2-ø2.6
10
5
23
2-1.8
5-ø1.2holes
Mounting
surface
24
3.2
1.2
Ring Type Potentiometers Soldering Conditions
Soldering surface temperature
Heating time
Soldering temperature
Soldering time
RK39A, RK45B, RK45C
RK39A, RK45B, RK45C
Series
350℃ max.
3s max.
1 time
100℃ max.
2min. max.
260℃ max.
5s max.
2 time max.
Tip temperature
Soldering time
No. of solders
Preheating
Dip soldering
No. of solders
Reference for Manual Soldering
Reference for Dip Soldering
45mm Size LED Illuminated Ring Type
RK45B
RK45C


Similar Part No. - RK39A1A00007

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK39A1A00007 ALPS-RK39A1A00007 Datasheet
143Kb / 2P
   39mm LED Illuminated Potentiometer
logo
List of Unclassifed Man...
RK39A1A00007 ETC-RK39A1A00007 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK39A1A00007

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
   Knob Potentiometer
Revision: 19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
   Knob Potentiometer
Revision: 19-Mar-12
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
   Knob Potentiometer
Revision: 19-Dec-07
P16 VISHAY-P16 Datasheet
115Kb / 5P
   Knob Potentiometer
Revision: 17-Nov-17
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
   Knob Potentiometer
01-Jan-2022
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
ALPS ELECTRIC CO.,LTD.
RK39A ALPS-RK39A Datasheet
143Kb / 2P
   39mm LED Illuminated Potentiometer
RK45B ALPS-RK45B Datasheet
249Kb / 2P
   45mm LED Illuminated Potentiometer
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com