Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK14K12C0A0T Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K12C0A0T
Description  A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K12C0A0T Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK14K12C0A0T Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K12C0A0T Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K12C0A0T Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K12C0A0T Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K12C0A0T Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14K12C0A0T Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
370
Length of the shaft LM1(mm)
Length of the
shaft
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(15C)
Rotation travel (
%)
Term."1"
Term."3"
J
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 1 4 K 1 2 4 0
F 2 5
C 0
B 1 0 3
Detent
Model type
Code
1
2
Model type
Horizontal type without bushing for tone
3
Vertical type without bushing for tone
4
Vertical type with bushing for tone
Horizontal type with bushing for tone
A
B
Horizontal type without bushing for vol.
C
Vertical type without bushing for vol.
D
Vertical type with bushing for vol.
Horizontal type with bushing for vol.
Shaft type
Code
F
Shaft type
Flat
*Only available in flat format.
Code
15
Length of the
shaft
15
20
20
Code
25
30
25
30
22
22.5
27
27.5
32
32.5
Total resistance
Code
C0
C1
Center detent
Without
With
Code
502
103
203
Total resistance
(k Ω)
5
10
20
Total resistance
(k Ω)
50
100
Code
503
104
Resistance taper
Code
A
B
Resistance taper
15A
1B
Resistance taper
15C
Code
C
3B
V
B : For tone & general(Model type : 1, 2, 3, 4)
V : For vol.(Model type : A, B, C, D)
     Marked are specifications recommended by Alps.
Note
14mm Size Insulated Shaft Snap-in Type / Ordering Products Not Listed


Similar Part No. - RK14K12C0A0T

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K12C0A0T ALPS-RK14K12C0A0T Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK14K12C0A0T ETC-RK14K12C0A0T Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K12C0A0T

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
E102A ETC2-E102A Datasheet
363Kb / 1P
   Electronic Sounders Audio or Audible/Visual
logo
QUARTZCOM the communica...
HC-49U QUARTZCOM-HC-49U Datasheet
87Kb / 1P
   Applications: telecommunications, audio, instruments, interface
HC-49S QUARTZCOM-HC-49S Datasheet
90Kb / 1P
   Applications: microprocessors, audio, instruments, interface
HC-49UMJ QUARTZCOM-HC-49UMJ Datasheet
90Kb / 1P
   Applications: telecommunications, audio, automotive, instruments
logo
CTS Corporation
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
logo
Bi technologies
P140KV BITECH-P140KV_09 Datasheet
87Kb / 4P
   14mm Rotary Potentiometer
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com