Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK12L12C0A0E Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK12L12C0A0E
Description  High performance 12mm wide type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK12L12C0A0E Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK12L12C0A0E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK12L12C0A0E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK12L12C0A0E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK12L12C0A0E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK12L12C0A0E Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
364
In addition to the products listed, we can accommodate the follow specifications.
Total Resistance Variety
Total resistance(k Ω)
5
10
20
50
100
200
Resistance Taper
Shaft Variety
Dimensions
Unit:mm
Unit:mm
Resistance taper
15A
1B
3B
15C
Style
Shaft
variety
LM1
15
20
25
30
1
4.5
7
12
12
Vertical type
Horizontal type
No.
1
2
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
(14)
60˚
0.3
12
2.6
0.6
2
5.9
30
(8.6)
12
Shaft shown in
full CCW position
3.3
2.1
6-ø0.8
hole
60˚
(13)
0.3
12
LM1
(8.6)
(3.5)
R1
(3.2)
Shaft shown in
full CCW position
Mounting
surface
10
13
2
6
2
6-ø0.8
hole
Terminal Layout / Circuit Diagram
12 3
1
23
2
3
3
2
1
1
Outer
Inner
12 3
R1
R2 1 2 3
Horizontal type
RK12L121(For tone control)
RK12L12A(For vol. control)
Vertical type
RK12L123(For tone control)
RK12L12C(For vol. control)
RK12L127(For tone control)
RK12L12H(For vol. control)
LM1
20 25 30
R1
7
15
4.5
12 12
Refer to P.365 for ordering products not listed.
R1
LM1
RK12L12-RV14.EPS
R1
LM1
     Marked are specifications recommended by Alps.
Note
12mm Size Insulated Shaft Snap-in Type / Other Specifications
12mm Size Insulated Shaft Snap-in Type
RK12L


Similar Part No. - RK12L12C0A0E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L12C0A0E ALPS-RK12L12C0A0E Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK12L12C0A0E ETC-RK12L12C0A0E Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK12L12C0A0E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
ASH1201 OPTOSUPPLY-ASH1201 Datasheet
577Kb / 1P
   12mm wide IP67& IP68 LED light strip
logo
Laird Tech Smart Techno...
S49014WP LSTD-S49014WP Datasheet
504Kb / 1P
   Wide-band high-gain performance
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
logo
ATMEL Corporation
M90E26 ATMEL-M90E26_14 Datasheet
704Kb / 60P
   Single-Phase High-Performance Wide-Span
logo
List of Unclassifed Man...
K3001 ETC2-K3001 Datasheet
262Kb / 1P
   Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com