Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK12L115 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK12L115
Description  Low-profile and good operational feel makes this excellent for car air conditioners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK12L115 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK12L115 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK12L115 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK12L115 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
371
Reference for Manual Soldering
Reference for Dip Soldering
Series
Preheating
Dip soldering
No. of solders
Soldering surface temperature
Heating time
Soldering temperature
Soldering time
RK12L
100℃
1 min. max.
260℃ max.
5s max.
2 time max.
Series
Tip temperature
Soldering time
No. of solders
RK09D, RK09K, RK09Y11L,
RK11K, RK12L, RK12L115, RK14K
350℃ max.
3s max.
1 time
Insulated Shaft Potentiometers / Soldering Conditions


Similar Part No. - RK12L115

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L1210C0R ALPS-RK12L1210C0R Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK12L1210C0R ALPS-RK12L1210C0R Datasheet
705Kb / 5P
   High performance 12mm wide type
logo
List of Unclassifed Man...
RK12L1210C0R ETC-RK12L1210C0R Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK12L123000E ALPS-RK12L123000E Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK12L123000E ALPS-RK12L123000E Datasheet
705Kb / 5P
   High performance 12mm wide type
More results

Similar Description - RK12L115

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
Kersemi Electronic Co.,...
KSMBZ44N KERSEMI-KSMBZ44N Datasheet
653Kb / 4P
   Excellent package for good heat dissipation.
KSMT613P KERSEMI-KSMT613P Datasheet
667Kb / 4P
   Excellent package for good heat dissipation.
KSMT457N KERSEMI-KSMT457N Datasheet
643Kb / 4P
   Excellent package for good heat dissipation.
KSMT3055N KERSEMI-KSMT3055N Datasheet
662Kb / 4P
   Excellent package for good heat dissipation.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com