Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK10J11E002Y Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK10J11E002Y
Description  Low-profile, dip and reflow solderable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK10J11E002Y Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK10J11E002Y Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
377
377
Low-profile, dip and reflow solderable
With Knob Type
RK10J
RK14J
RK14J12R0A09
Japan
Export
Product Line
Type
Number of
resistor elements
Knob type
Total resistance
(k Ω)
Resistance
taper
Soldering Mounting
type
For DC use
Products No.
Minimum order unit(pcs.)
Drawing
No.
10mm
Size
Single-unit
Knob diameter:φ14
Knob thickness:t0.9
Color:Black
10
3B
Manual
Insertion
(2mm)
20V DC
RK10J11E0034
2,400
3,000
1
1B
RK10J11E002Y
Dual-unit
Single-unit
Knob diameter:φ14
Knob thickness:t1.0
Color:Black
Dual-unit
10
10
Not
applicable
Reflow
Surface
mounting
20V DC
Not
applicable
RK10J12E0A0A
RK10J12E002L
20
50
100
15C
RK10J12E0024
15A
20
RK10J11R001Y
RK10J11R0A0H
3,000
3,000
2
3B
3B
15A
RK10J12R0A0B
RK10J12R0052
RK14J11A000G
RK14J11A0A02
14mm
Size
Single-unit
Manual/
Dip
Insertion
(2mm)
20V DC
RK14J11A0007
2,400
1,200
Dual-unit
Not
applicable
RK14J12A0A0U
RK14J12A0A0K
Knob diameter:φ15
Knob thickness:t0.9
Color:Black
3
Single-unit
Dual-unit
50
20
3B
15C
15C
3B
1B
1B
15A
10
10
50
Reflow
Surface
mounting
20V DC
Not
applicable
3,000
3,000
4
3B
1B
15A
3B
15C
RK14J11R000J
RK14J11R000H
RK14J12R0A01
RK14J12R0A0C
1. Other varieties are also available. Refer to“Other Specifications”(P.379).
2. Dip soldering can be applied to RK14J. For dip soldering applications, specify separately as "dip soldering applicable product".
Notes
Refer to P.379 for other specifications.
Refer to P.381 for ordering products not listed.
Refer to P.382 for soldering conditions.
Typical Specifications
Items
Specifications
RK10J
RK14J
Total resistance tolerance
±30%
Maximum operating voltage
50V AC, 20V DC(Single-unit only)
Total rotational angle
270°±10°
270°±5°
Rotational torque
0.5 to 10mN・m
1 to 10mN・m
Operating life
10,000 cycles
Operating temperature range
−10℃ to +60℃
−25℃ to +70℃


Similar Part No. - RK10J11E002Y

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J11E002Y ALPS-RK10J11E002Y Datasheet
319Kb / 6P
   With Knob Type
logo
List of Unclassifed Man...
RK10J11E002Y ETC-RK10J11E002Y Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK10J11E002Y

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
DPX-0R5 MARKIMICROWAVE-DPX-0R5 Datasheet
458Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com