Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK09L1140A2U Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L1140A2U
Description  Single-unit and dual-unit types suit a variety of controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L1140A2U Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK09L1140A2U Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L1140A2U Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L1140A2U Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L1140A2U Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L1140A2U Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L1140A2U Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
311
List of Varieties
Metal Shaft Potentiometers
Type
9mm size
11mm size
Series
RK09L
RK0971
RK0972
RK119
Single-shaft
Dual-shaft
Single-shaft
Number of resistor elements
Single/dual
Dual
Single
Photo
Terminal mounting
Horizontal
Vertical
Horizontal
Vertical
Fixing method of bushing
Screw
Guide
Operating temperature range
−10℃ to +70℃
−20℃ to +70℃
− 40℃ to + 85℃(Vehicle-compatible)
−40℃ to +85℃
Operating life
15,000 cycles
Available for automotive use
Life cycle (availability)
Mechanical
performance
Total resistance
(k Ω)
10, 20, 50, 100
10
Resistance taper
15A, 1B, 3B, 15C
1B
Rated Power
0.05W
Residual
resistance
R≦10kΩ 20Ω max.
10kΩ<R<50kΩ 30Ω max.
50kΩ≦R Nominal total resistance of 0.1% or less
R≦10kΩ 50Ω max.
Maximum
attenuation
(Volume control)
  5kΩ≦R< 10kΩ  70dB min.
 10kΩ≦R< 50kΩ  80dB min.
 50kΩ≦R       90dB min.
  5kΩ≦R< 10kΩ  70dB min.
 10kΩ≦R< 50kΩ  80dB min.
 50kΩ≦R<100kΩ  90dB min.
100kΩ≦R      100dB min.
Gang error applicable to
Dual-unit parts for audio
volume control purposes
−40dB to 0dB 3dB max.
Insulation
resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1minute
300V AC for 1 minute
or 360V for 2s
Center-taps
Without
Without / With
Without
Electrical
performance
Detent
Without, Center
Without, Center, 11, 31
Without
Stopper strength
0.5N・m
0.5N・m(With push-lock mechanism: 0.4N·m)
0.5N・m
Push-pull strength
80N max.
100N max.
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
Shaft style
Flat type
Inner-shaft:flat type
Outer-shaft:slotted type
Flat type
Terminal style
Insertion
Reflow
Attached switch
Rotary switch
Push-on push-off switch
Push-on switch
Push-on switch
Page
313
317
328
Metal Shaft Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 349
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
Notes
1. For the switch attached, the single-shaft or inner shaft of the dual-shaft type can be chosen.
2. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
3. Indicates applicability to some products in the series.
Potentiometers
● Rotary Potentiometers
Metal Shaft Potentiometers
Insulated Shaft Potentiometers
Knob Operating Type Potentiometers
Ring Type Potentiometers
● Slide Potentiometers
311
350
372
383
387


Similar Part No. - RK09L1140A2U

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L1140A2U ALPS-RK09L1140A2U Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L1140A2U ETC-RK09L1140A2U Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09L1140A2U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
Murata Manufacturing Co...
XRCGB25M000FFS1JR0 MURATA1-XRCGB25M000FFS1JR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB26M000F1SALR0 MURATA1-XRCGB26M000F1SALR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SAAR0 MURATA1-XRCGB32M000F1SAAR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SABR0 MURATA1-XRCGB32M000F1SABR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SALR0 MURATA1-XRCGB32M000F1SALR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com