Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK08H11100XC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK08H11100XC
Description  Compact type potentiometer suitable for volume and tone controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK08H11100XC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK08H11100XC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK08H11100XC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK08H11100XC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK08H11100XC Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK08H11100XC Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK08H11100XC Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
373
373
Compact type potentiometer suitable for volume
and tone controls
Without Knob Type
RK08H
RK08H123002K
Japan
Export
Refer to P.376 for other specifications.
Refer to P.376 for soldering conditions.
Refer to P.382 for ordering products not listed.
Length of the
shaft(mm)
1
4.5
1
1. Other varieties are also available. Refer to“Other Specifications”(P.376).
2. Dip soldering can be applied to the above products. Please specify if required Back-to-back mounting types are excluded.
3. We recommend print boards with a thickness of 0.8mm to 1.2mm. For 1.6mm thickness board applications, please contact us.
Notes
Product Line
Number of
resistor elements
Mounting
direction
Vertical type
Back-to-back
mounting type
Vertical type
Back-to-back
mounting type
Vertical type
Center
detent
Without
Without
With
Total
resistance(kΩ)
50
10
1B
15A
5
10
10
50
10
100
50
1B
15A
100
100
1,000
1,000
100
100
1,000
1,000
1
1
3
2
3
4
4
Resistance
taper
RK08H11100U3
RK08H11100UD
RK08H11100XC
RK08H1110A04
RK08H11100X7
RK08H1120A05
RK08H113003Q
RK08H113003G
RK08H12100GP
RK08H12100F3
RK08H122005A
Products No.
Minimum order unit(pcs.)
Drawing
No.
Single-unit
Dual-unit
Manual
Manual
Reflow
Reflow
Soldering
15C
15C
15A
Packing Specifications
Reel size
Bulk / Taping
21.5
17.5
ø330
ø13 hole
Unit:mm
Typical Specifications
Items
Specifications
Total resistance tolerance
±30%
Maximum operating voltage
50V AC
20V DC(Single-unit only)
Total rotational angle
200°±10°
Rotational torque
1 to 10mN・m
0.5 to 10mN・m(Reflow type)
Operating life
Without detent 10,000 cycles
With detent  5,000 cycles
Operating temperature range
−10℃ to +60℃
Soldering
Packing
specifications
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1case/exportpacking
Manual
Bulk
5,000
10,000
368×530×180
Reflow
Taping
1,000
4,000
4,000
16
397×401×139


Similar Part No. - RK08H11100XC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK08H11100XC ALPS-RK08H11100XC Datasheet
263Kb / 6P
   Without Knob Type
logo
List of Unclassifed Man...
RK08H11100XC ETC-RK08H11100XC Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK08H11100XC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
LC75382E SANYO-LC75382E Datasheet
284Kb / 16P
   Electronic Tone Controls for Car Stereo Systems?
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
logo
SemiHow Co.,Ltd.
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
   Suitable for Switching regulator, Inverters motor controls
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com