Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ31 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BUZ31
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ31 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BUZ31 Datasheet HTML 1Page - Infineon Technologies AG BUZ31 Datasheet HTML 2Page - Infineon Technologies AG BUZ31 Datasheet HTML 3Page - Infineon Technologies AG BUZ31 Datasheet HTML 4Page - Infineon Technologies AG BUZ31 Datasheet HTML 5Page - Infineon Technologies AG BUZ31 Datasheet HTML 6Page - Infineon Technologies AG BUZ31 Datasheet HTML 7Page - Infineon Technologies AG BUZ31 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUZ 31
Data Sheet
5
05.99
Drain current
ID = ƒ(TC)
parameter:
VGS ≥ 10 V
0
20
40
60
80
100
120
˚C
160
T
C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
A
15
I
D
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
˚C
160
T
C
0
10
20
30
40
50
60
70
80
W
100
P
tot
Safe operating area
ID = ƒ(VDS)
parameter:
D = 0.01, TC = 25˚C
-1
10
0
10
1
10
2
10
A
I
D
10
0
10
1
10
2
V
V
DS
DC
10 ms
1 ms
100 µs
t
p = 13.0µs
Transient thermal impedance
Zth JC = ƒ(tp)
parameter:
D = tp / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BUZ31

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Comset Semiconductor
BUZ31 COMSET-BUZ31 Datasheet
106Kb / 3P
   POWER MOS TRANSISTORS
logo
New Jersey Semi-Conduct...
BUZ31 NJSEMI-BUZ31 Datasheet
104Kb / 4P
   Enhancement mode
logo
Inchange Semiconductor ...
BUZ31 ISC-BUZ31 Datasheet
66Kb / 2P
   High current capability
logo
Siemens Semiconductor G...
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results

Similar Description - BUZ31

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com