Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC203624 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # TC203624
Description  Phase Control Thyristor 2450Amperes 4400Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TC203624 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  TC203624 Datasheet HTML 1Page - Powerex Power Semiconductors TC203624 Datasheet HTML 2Page - Powerex Power Semiconductors TC203624 Datasheet HTML 3Page - Powerex Power Semiconductors TC203624 Datasheet HTML 4Page - Powerex Power Semiconductors TC203624 Datasheet HTML 5Page - Powerex Power Semiconductors TC203624 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC20__2402
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697-1800 (724)925-7272 www.pwrx.com
2450Amperes 4400Volts
FEATURES:
Low On-State Voltage
High di/dt Capability
High dv/dt Capability
Hermetic Ceramic Package
Excellent Surge and I
2t Ratings
APPLICATIONS:
DC Power Supplies
Motor Controls
ORDERING INFORMATION
Select the complete 12 digit Part Number using the table below.
EXAMPLE: TC20442402DH is a 4400V-2450A SCR with300ma
IGT and 12 inch gate and cathode potential leads.
PART
Voltage
Rating
Voltage
Code
Current
Rating
Current
Code
Turn-Off
Gate
Leads
VDRM-VRRM
Itavg
Tq
IGT
TC20
4400
44
2450
24
0
2
4200
42
4000
40
500us
300ma
12"
3600
36
(typ.)
(max)
Revised:
8/14/2012
The TC20 is a high voltage, high current
disc pack SCR employing a high di/dt
gate structure. This gate design allows
the SCR to be reliably operated at high
di/dt and dv/dt conditions in various
phase control applications.
Page 1


Similar Part No. - TC203624

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TC20362402 POWEREX-TC20362402 Datasheet
229Kb / 6P
   Phase Control Thyristor
More results

Similar Description - TC203624

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com