Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC204024 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # TC204024
Description  Phase Control Thyristor 2450Amperes 4400Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TC204024 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  TC204024 Datasheet HTML 1Page - Powerex Power Semiconductors TC204024 Datasheet HTML 2Page - Powerex Power Semiconductors TC204024 Datasheet HTML 3Page - Powerex Power Semiconductors TC204024 Datasheet HTML 4Page - Powerex Power Semiconductors TC204024 Datasheet HTML 5Page - Powerex Power Semiconductors TC204024 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC20__2402
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697-1800 (724)925-7272 www.pwrx.com
2450Amperes 4400Volts
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Units
Repetitive Peak Voltage
VDRM-VRRM
4400
Volts
Average On-State Current, TC=73°C
IT(Avg.)
2450
A
RMS On-State Current, TC=73°C
IT(RMS)
3848
A
Average On-State Current, TC=55°C
IT(Avg.)
2920
A
RMS On-State Current, TC=55°C
IT(RMS)
4587
A
Peak One Cycle Surge Current, 60Hz, VR=0V
ITSM
30,000
A
Peak One Cycle Surge Current, 50Hz, VR=0V
ITSM
28,284
A
Fuse Coordination I
2t, 60Hz
I
2t
3.75E+06
A
2s
Fuse Coordination I
2t, 50Hz
I
2t
4.00E+06
A
2s
Critical Rate-of-Rise of On-State Current
di/dt
100
A/us
Repetitive
Critical Rate-of-Rise of On-State Current
di/dt
300
A/us
Non-Repetitive
Peak Gate Power, 100us
PGM
16
Watts
Average Gate Power
PG(avg)
5
Watts
Operating Temperature
Tj
-40 to+125
°C
Storage Temperature
TStg.
-50 to+150
°C
Approximate Weight
5.5
lb
2.49
Kg
Mounting Force
12,000-15,000
lbs
53 - 67
KNewtons
Information presented is based upon manufacturers testing and projected
capabilities. This information is subject to change without notice. The
manufacturer makes no claim as to suitability for use, reliability, capability or
future availability of this product.
Page 2


Similar Part No. - TC204024

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TC20402402 POWEREX-TC20402402 Datasheet
229Kb / 6P
   Phase Control Thyristor
More results

Similar Description - TC204024

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com