Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5215L Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS5215L
Description  Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5215L Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS5215L Datasheet HTML 6Page - Infineon Technologies AG BTS5215L Datasheet HTML 7Page - Infineon Technologies AG BTS5215L Datasheet HTML 8Page - Infineon Technologies AG BTS5215L Datasheet HTML 9Page - Infineon Technologies AG BTS5215L Datasheet HTML 10Page - Infineon Technologies AG BTS5215L Datasheet HTML 11Page - Infineon Technologies AG BTS5215L Datasheet HTML 12Page - Infineon Technologies AG BTS5215L Datasheet HTML 13Page - Infineon Technologies AG BTS5215L Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BTS 5215L
Infineon Technologies AG
13
2003-Oct-01
Figure 3b: Turn on into short circuit:
shut down by overtemperature, restart by cooling
(two parallel switched channels 1 and 2)
t
ST1/2
IN1/2
L1
L2
L(SCr)
I
2xIL(lim)
I + I
toff(SC)
ST1 and ST2 have to be configured as a 'Wired OR' function
ST1/2 with a single pull-up resistor.
Figure 4a: Overtemperature:
Reset if Tj <Tjt
IN
ST
OUT
J
t
V
T
Figure 5a: Open load: detection in OFF-state, turn
on/off to open load
Open load of channel 1; other channels normal
operation
OUT1
V
ST
IN1
IL1
10µs
500µs
Figure 6a: Status change after, turn on/off to
overtemperature
Overtemperature of channel 1; other channels normal
operation
ST
IN1
30µs
20µs


Similar Part No. - BTS5215L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5215L INFINEON-BTS5215L Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results

Similar Description - BTS5215L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS723GW INFINEON-BTS723GW Datasheet
330Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com