Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS5215L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BTS5215L
Description  Smart High-Side Power Switch Two Channels: 2 x 90mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5215L Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS5215L Datasheet HTML 1Page - Infineon Technologies AG BTS5215L Datasheet HTML 2Page - Infineon Technologies AG BTS5215L Datasheet HTML 3Page - Infineon Technologies AG BTS5215L Datasheet HTML 4Page - Infineon Technologies AG BTS5215L Datasheet HTML 5Page - Infineon Technologies AG BTS5215L Datasheet HTML 6Page - Infineon Technologies AG BTS5215L Datasheet HTML 7Page - Infineon Technologies AG BTS5215L Datasheet HTML 8Page - Infineon Technologies AG BTS5215L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS 5215L
Infineon Technologies AG
5
2003-Oct-01
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
junction - Case6)
each channel:
RthjC
--
--
5
K/W
junction – ambient6)
@ 6 cm
2 cooling area
one channel active:
all channels active:
Rthja
--
--
--
--
45
40
--
--
--
Electrical Characteristics
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT); IL = 2 A
each channel,
Tj = 25°C:
Tj = 150°C:
two parallel channels, Tj = 25°C:
see diagram, page 11
RON
--
--
--
70
140
35
90
180
45
m
Nominal load current
one channel active:
two parallel channels active:
Device on PCB6), Ta = 85°C, Tj ≤ 150°C
IL(NOM)
3.7
7.4
4.7
9.5
--
A
Output current while GND disconnected or pulled up7);
Vbb = 32 V, VIN = 0,
see diagram page 9
IL(GNDhigh)
--
--
2
mA
Turn-on time8)
IN
to 90% VOUT:
Turn-off time
IN
to 10% VOUT:
RL = 12
ton
toff
--
--
100
100
250
270
µs
Slew rate on 8)
10 to 30% VOUT, RL = 12
Ω: dV/dt
on
0.2
--
1.0
V/
µs
Slew rate off 8)
70 to 40% VOUT, RL = 12
Ω: -dV/dt
off
0.2
--
1.1
V/
µs
6
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 14
7
)
not subject to production test, specified by design
8
)
See timing diagram on page 12.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn