Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9S7301403 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # T9S7301403
Description  Phase Control Thyristor 2850 Amperes 800 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

T9S7301403 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  T9S7301403 Datasheet HTML 1Page - Powerex Power Semiconductors T9S7301403 Datasheet HTML 2Page - Powerex Power Semiconductors T9S7301403 Datasheet HTML 3Page - Powerex Power Semiconductors T9S7301403 Datasheet HTML 4Page - Powerex Power Semiconductors T9S7301403 Datasheet HTML 5Page - Powerex Power Semiconductors T9S7301403 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T9S7__1403
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, Pennsylvania 15697-1800 (724)925-7272 www.pwrx.com
1400 Amperes 3200 Volts
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Iavg
(A)
Maximum On-State Power Dissipation
Square Waveform
60
°
90
°
120
°
180
°
180°
360°
CONDUCTION ANGLE
360
°
50
70
90
110
130
150
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Iavg
(A)
Maximum Allowable Case Temperature
Square Waveform
60
°
90
°
120
°
180
°
180°
360°
CONDUCTION ANGLE
360
°
Page 6 of 6


Similar Part No. - T9S7301403

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9S7301403DH POWEREX-T9S7301403DH Datasheet
282Kb / 6P
   Phase Control Thyristor
More results

Similar Description - T9S7301403

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
TAKC651103 POWEREX-TAKC651103 Datasheet
117Kb / 4P
   Phase Control Thyristor 1100 Amperes 6500 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
C430AX500 POWEREX-C430AX500 Datasheet
248Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-600 Volts
FT1000A POWEREX-FT1000A Datasheet
211Kb / 6P
   Phase Control SCR 1000 Amperes Avg 800-2500 Volts
P1Z7AAR700W POWEREX-P1Z7AAR700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com