Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5210L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS5210L
Description  Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5210L Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS5210L Datasheet HTML 1Page - Infineon Technologies AG BTS5210L Datasheet HTML 2Page - Infineon Technologies AG BTS5210L Datasheet HTML 3Page - Infineon Technologies AG BTS5210L Datasheet HTML 4Page - Infineon Technologies AG BTS5210L Datasheet HTML 5Page - Infineon Technologies AG BTS5210L Datasheet HTML 6Page - Infineon Technologies AG BTS5210L Datasheet HTML 7Page - Infineon Technologies AG BTS5210L Datasheet HTML 8Page - Infineon Technologies AG BTS5210L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BTS 5210L
Infineon Technologies AG
2
2003-Oct-01
Functional diagram
channel 1
OUT1
logic
internal
voltage supply
ESD
temperature
sensor
clamp for
inductive load
gate
control
+
charge
pump
current limit
reverse
battery
protection
Open load
detection
control and protection circuit
equivalent to
channel 1
IN1
VBB
GND
IN2
OUT2
ST1
ST2


Similar Part No. - BTS5210L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210L INFINEON-BTS5210L Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5210L INFINEON-BTS5210L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results

Similar Description - BTS5210L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS723GW INFINEON-BTS723GW Datasheet
330Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
2003-Oct-01
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com