Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS5210G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. BTS5210G
Description  Smart High-Side Power Switch Two Channels: 2 x 140mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5210G Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS5210G Datasheet HTML 1Page - Infineon Technologies AG BTS5210G Datasheet HTML 2Page - Infineon Technologies AG BTS5210G Datasheet HTML 3Page - Infineon Technologies AG BTS5210G Datasheet HTML 4Page - Infineon Technologies AG BTS5210G Datasheet HTML 5Page - Infineon Technologies AG BTS5210G Datasheet HTML 6Page - Infineon Technologies AG BTS5210G Datasheet HTML 7Page - Infineon Technologies AG BTS5210G Datasheet HTML 8Page - Infineon Technologies AG BTS5210G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS 5210G
Infineon Technologies AG
3
2003-Oct-01
Pin Definitions and Functions
Pin
Symbol
Function
1,7,
8,14
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
2
GND
Logic Ground
3
IN1
5
IN2
Input 1,2 activates channel 1,2 in case
of logic high signal
4
ST1
6
ST2
Diagnostic feedback 1,2 of channel 1,2
open drain
12,13
OUT1
Output 1,2 protected high-side power output of
channel 1,2. Design the wiring for the max.
short circuit current; both output pins have to
9,10
OUT2
be connected in parallel for operation
according this spec.
11
NC
Not Connected
Pin configuration
(top view)
Vbb
1
14 V
bb
GND
2
13 OUT1
IN1
3
12 OUT1
ST1
4
11 NC
IN2
5
10 OUT2
ST2
6
9 OUT2
Vbb
7
8 Vbb


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn