Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS5210G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. BTS5210G
Description  Smart High-Side Power Switch Two Channels: 2 x 140mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5210G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS5210G Datasheet HTML 2Page - Infineon Technologies AG BTS5210G Datasheet HTML 3Page - Infineon Technologies AG BTS5210G Datasheet HTML 4Page - Infineon Technologies AG BTS5210G Datasheet HTML 5Page - Infineon Technologies AG BTS5210G Datasheet HTML 6Page - Infineon Technologies AG BTS5210G Datasheet HTML 7Page - Infineon Technologies AG BTS5210G Datasheet HTML 8Page - Infineon Technologies AG BTS5210G Datasheet HTML 9Page - Infineon Technologies AG BTS5210G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTS 5210G
Infineon Technologies AG
6
2003-Oct-01
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Operating Parameters
Operating voltage
Vbb(on)
5.5
--
40
V
Undervoltage switch off10)
Tj =-40°C...25°C: Vbb(u so)
--
--
4.5
V
Tj =125°C:
--
--
4.511)
Overvoltage protection12)
I bb = 40 mA
Vbb(AZ)
41
47
52
V
Standby current13)
Tj =-40°C...25°C:
VIN = 0; see diagram page 11
Tj =150°C:
Ibb(off)
--
--
5
--
8
12
µA
Tj =125°C:
--
--
8
11)
Off-State output current (included in Ibb(off))
VIN = 0; each channel
IL(off)
--
1
5
µA
Operating current 14), VIN = 5V,
one channel on:
all channels on:
IGND
--
--
0.5
1.0
0.9
1.7
mA
Protection Functions15)
Current limit, Vout = 0V, (see timing diagrams, page 12)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(lim)
--
--
5
--
9
--
14
--
--
A
Repetitive short circuit current limit,
Tj = Tjt
each channel
two channels
(see timing diagrams, page 12)
IL(SCr)
--
--
6.5
6.5
--
--
A
Initial short circuit shutdown time
Tj,start =25°C:
Vout = 0V
(see timing diagrams on page 12)
toff(SC)
--
2
--
ms
Output clamp (inductive load switch off)16)
at VON(CL) = Vbb - VOUT, IL= 40 mA
VON(CL)
41
47
52
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
T
jt
--
10
--
K
10) is the voltage, where the device doesn´t change it´s switching condition for 15ms after the supply voltage
falling below the lower limit of Vbb(on)
11
) not subject to production test, specified by design
12
) Supply voltages higher than V
bb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended). See also VON(CL) in table of protection functions and
circuit diagram on page 9.
13
) Measured with load; for the whole device; all channels off
14
) Add IST, if IST > 0
15
) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
16
) If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn