Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK82485XX Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # RDK82485XX
Description  GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RDK82485XX Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  RDK82485XX Datasheet HTML 1Page - Powerex Power Semiconductors RDK82485XX Datasheet HTML 2Page - Powerex Power Semiconductors RDK82485XX Datasheet HTML 3Page - Powerex Power Semiconductors RDK82485XX Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RDK8__85XX
GENERAL PURPOSE RECTIFIER DIODE
Powerex, Inc., 200 Hillis Street, Youngwood, PA
15697-1800 (724) 925-7272
WWW.PWRX.COM
8500 Amperes 3000 Volts
MAXIMUM TRANSIENT THERMAL
IMPEDANCE
0.0E+00
1.0E-03
2.0E-03
3.0E-03
4.0E-03
5.0E-03
6.0E-03
7.0E-03
0.01
0.1
1
10
100
Time (sec)
Maximum On-State Voltage Drop
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
1000
10000
100000
IFM (A)
Tj = 175°C
POWER DISSIPATION
0
4000
8000
12000
16000
0
2000
4000
6000
8000
10000
AVERAGE FWD CURRENT (A)
180°
Sine
(1Φ)
120°
Square
(3Φ)
ALLOWABLE CASE TEMPERATURE
60
80
100
120
140
160
180
0
2000
4000
6000
8000
10000
AVERAGE FWD CURRENT (A)
180°
Sine
(1Φ)
120°
Square
(3Φ)
Page 4


Similar Part No. - RDK82485XX

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RDK--10 SUNHOLD-RDK--10 Datasheet
527Kb / 2P
   RDK SERIES
RDK--12 SUNHOLD-RDK--12 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-10 SUNHOLD-RDK-A-10 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-12 SUNHOLD-RDK-A-12 Datasheet
527Kb / 2P
   RDK SERIES
logo
Texas Instruments
RDK-ACIM TI-RDK-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
More results

Similar Description - RDK82485XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R9S02630XX POWEREX-R9S02630XX Datasheet
283Kb / 7P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
R600 POWEREX-R600 Datasheet
704Kb / 6P
   General Purpose Rectifier (200-300 Amperes Average 1400-2600 Volts)
RDS82280XX POWEREX-RDS82280XX Datasheet
104Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE 8000 Amperes 2500 Volts
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXMMD0412XX POWEREX-RAXMMD0412XX Datasheet
302Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXSMD0412XX POWEREX-RAXSMD0412XX Datasheet
229Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
R7S20408 POWEREX-R7S20408 Datasheet
758Kb / 4P
   Fast Recovery Rectifier (800 Amperes Average 2600 Volts)
R7220407 POWEREX-R7220407 Datasheet
764Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
R7S20407 POWEREX-R7S20407 Datasheet
775Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com