Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK83085XX Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # RDK83085XX
Description  GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RDK83085XX Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  RDK83085XX Datasheet HTML 1Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 2Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 3Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RDK8__85XX
GENERAL PURPOSE RECTIFIER DIODE
Powerex, Inc., 200 Hillis Street, Youngwood, PA
15697-1800 (724) 925-7272
WWW.PWRX.COM
8500 Amperes 3000 Volts
FEATURES:
Low On-State Voltage
Hermetic Ceramic Package
Excellent Surge and I
2t Ratings
APPLICATIONS:
DC Power Supplies
ORDERING INFORMATION
Input Rectifiers
Plating Supplies
Select the complete 12 digit Part Number using the table below.
EXAMPLE: RDK83085XXOO is a 3000V-8500A General Purpose Diode
with a typical reverse recovery time of 35µs.
PART
Voltage
Rating
Voltage
Code
Current
Rating
Current
Code
Reverse
Recovery
Lead
Code
VDRM-VRRM
Itavg
tRR
RDK8
3000V
30
8500A
85
XX
OO
2600V
26
2400V
24
35µs typical
Revised:
9/30/2005
Powerex General Purpose Rectifier Diodes are
designed with high locking voltage capability and
low forward voltage drop to minimize conduction
losses. These are packaged in hermetic,
ceramic Pow-R-Disc packages which can be
mounted using commercially available clamps
and heatsinks or fully assembled to a variety of
air or water cooled heat exchangers.
Page 1


Similar Part No. - RDK83085XX

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RDK--10 SUNHOLD-RDK--10 Datasheet
527Kb / 2P
   RDK SERIES
RDK--12 SUNHOLD-RDK--12 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-10 SUNHOLD-RDK-A-10 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-12 SUNHOLD-RDK-A-12 Datasheet
527Kb / 2P
   RDK SERIES
logo
Texas Instruments
RDK-ACIM TI-RDK-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
More results

Similar Description - RDK83085XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R9S02630XX POWEREX-R9S02630XX Datasheet
283Kb / 7P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
R600 POWEREX-R600 Datasheet
704Kb / 6P
   General Purpose Rectifier (200-300 Amperes Average 1400-2600 Volts)
RDS82280XX POWEREX-RDS82280XX Datasheet
104Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE 8000 Amperes 2500 Volts
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXMMD0412XX POWEREX-RAXMMD0412XX Datasheet
302Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXSMD0412XX POWEREX-RAXSMD0412XX Datasheet
229Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
R7S20408 POWEREX-R7S20408 Datasheet
758Kb / 4P
   Fast Recovery Rectifier (800 Amperes Average 2600 Volts)
R7220407 POWEREX-R7220407 Datasheet
764Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
R7S20407 POWEREX-R7S20407 Datasheet
775Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com