Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54F11DM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54F11DM
Description  Triple 3-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F11DM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54F11DM Datasheet HTML 1Page - National Semiconductor (TI) 54F11DM Datasheet HTML 2Page - National Semiconductor (TI) 54F11DM Datasheet HTML 3Page - National Semiconductor (TI) 54F11DM Datasheet HTML 4Page - National Semiconductor (TI) 54F11DM Datasheet HTML 5Page - National Semiconductor (TI) 54F11DM Datasheet HTML 6Page - National Semiconductor (TI) 54F11DM Datasheet HTML 7Page - National Semiconductor (TI) 54F11DM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
Physical Dimensions inches (millimeters) unless otherwise noted
DS009459-4
20-Lead Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5
www.national.com
PrintDate=1997/08/26 PrintTime=16:09:28 9520 ds009459 Rev. No. 1
cmserv
Proof
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
54AC11 Triple 3-Input AND Gate 1  2  3  4  5  More National Semiconductor (TI)
M74HC11 TRIPLE 3-INPUT AND GATE 1  2  3  4  5  More STMicroelectronics
TC74VHC11F TRIPLE 3-INPUT AND GATE 1  2  3  4  5  Toshiba Semiconductor
74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
SN54LS11 TRIPLE 3-INPUT AND GATE 1  2  Motorola, Inc
HEF4073B Triple 3-input AND gate 1  2  3  NXP Semiconductors
IDT74LVC11A 3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O 1  2  3  4  5  Integrated Device Technology
IN74HC11A Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
SN54LS15 TRIPLE 3-INPUT AND GATE 1  2  3  4  Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn