Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6984 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 2Page - STMicroelectronics L6984 Datasheet HTML 3Page - STMicroelectronics L6984 Datasheet HTML 4Page - STMicroelectronics L6984 Datasheet HTML 5Page - STMicroelectronics L6984 Datasheet HTML 6Page - STMicroelectronics L6984 Datasheet HTML 7Page - STMicroelectronics L6984 Datasheet HTML 8Page - STMicroelectronics L6984 Datasheet HTML 9Page - STMicroelectronics L6984 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin settings
L6984
6/34
DocID025378 Rev 3
1.5
ESD protection
Table 4. ESD protection
Symbol
Test condition
Value
Unit
ESD
HBM
2
KV
MM
200
V
CDM
500
V


Similar Part No. - L6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
   38 V, 1.5 A synchronous step-down converter with low quiescent current
Rev 1 - January 2021
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
   38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1 - April 2021
L6982CDR STMICROELECTRONICS-L6982CDR Datasheet
2Mb / 48P
   38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1 - April 2021
L6982NDR STMICROELECTRONICS-L6982NDR Datasheet
2Mb / 48P
   38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1 - April 2021
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
   38 V, 3 A synchronous step-down converter with 17 關A quiescent current
Rev 1 - October 2019
More results

Similar Description - L6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
logo
Texas Instruments
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
[Old version datasheet]   4-V to 36-V, 600-mA Synchronous Step-Down Converter
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
[Old version datasheet]   4-V to 36-V, 600-mA Synchronous Step-Down Converter
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com