Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK203111000V Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK203111000V
Description  20mm Size Metal Shaft Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK203111000V Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK203111000V Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK203111000V Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK203111000V Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK203111000V Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK203111000V Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
307
Soldering surfacetemperature
Soldering temperature
Heating time
Soldering time
No. of solders
EC10E, EC12D, EC12E, EM11B
EC45A
EC40A
EM20B
EC09E, EC11B, EC111, EC11E, EC11G,
EC11K, EC18A, EC21A, EC28A, EC35A,
EC35AH, EC35B, EC50A, EC60B
Series
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
100℃ max.
100℃ max.
110℃ max.
80℃ max.
260±5℃
260℃ max.
260℃ max.
260℃ max.
1 min. max.
2 min. max.
1 min. max.
1 min. max.
3±1s
5s max.
10s max.
3s max.
2 time max.
2 time max.
1 time
2 time max.
Preheating
Dip soldering
Reference for Dip Soldering
Example of Reflow Soldering Condition
Reference for Manual Soldering
EC05E
EC21C
EC11J
Series
260℃
230℃
180℃
150℃
2 min. max.
3s
40s
4 min. max.
2 time max.
250℃ min.
230℃ to 245℃
230℃ min.
220℃
180℃
200℃
150℃
150℃
60s to 120s
60s to 120s
30s to 40s
25s to 60s
300 max.
2 time max.
1 time max.
A
B
C
D
E
F
G
H
No. of reflows
Temperature profile
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a
  type that uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the encoder when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
  encoder may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
  temperature of the encoder does not rise to 250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this
  prior to use.
注記
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Encoders Soldering Conditions
3
s
EC11J
EC05E, EC09E, EC10E, EC111, EC11B,
EC11E, EC11G, EC11K, EC12D, EC12E,
EC18A, EC21A, EC28A, EC35A, EC35AH,
EC35B, EC40A, EC45A, EC50A, EC60B,
EM11B, EM20B, EC21C
Series
350℃ max.
3s max.
1 time
350±10℃
2 time
Tip temperature
Soldering time
No. of solders
+1
 0


Similar Part No. - RK203111000V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK203111000V ALPS-RK203111000V Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
logo
List of Unclassifed Man...
RK203111000V ETC-RK203111000V Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK203111000V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
   20mm Size Metal Shaft Magnetic Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com