Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BALF-NRF01D3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BALF-NRF01D3
Description  50 ??nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-NRF01D3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BALF-NRF01D3 Datasheet HTML 2Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 3Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 4Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 5Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 6Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 7Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 8Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 9Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package information
BALF-NRF01D3
6/11
DocID026031 Rev 2
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 10. Package dimensions (top and side view)
Figure 11. Footprint - non solder mask
defined
Figure 12. Footprint - solder mask defined
600 µm
219 µm
219 µm
205 µm
SE
GND
VCC
DIFF
DIFF
1500 ± 50µm
500
µm
433 µm
400 µm
630 µm ± 60
Copper pad diameter:
220µm recommended
180µm minimum
260µm maximum
Solder mask opening:
320µm recommended
300µm minimum
340µm maximum
Solder stencil opening:
220µm recommended
Line to connect copper pad on solder mask opening
shopuld be smaller than copper pad diameter
Solder mask opening:
220µm recommended
180µm minimum
260µm maximum
Copper pad diameter:
320µm recommended
300µm minimum
Solder stencil opening :
220µm recommended


Similar Part No. - BALF-NRF01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
DS12205 - Rev 3 - April 2018
More results

Similar Description - BALF-NRF01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
   50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
September 2015 Rev 2
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
DS12205 - Rev 3 - April 2018
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
   50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
July 2016 Rev 1
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
DS12630 - Rev 1 - July 2018
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com