Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-CC25-01D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAL-CC25-01D3
Description  50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CC25-01D3 Datasheet(HTML) 1 Page - STMicroelectronics

  BAL-CC25-01D3 Datasheet HTML 1Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 2Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 3Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 4Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 5Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 6Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 7Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 8Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
November 2015
DocID024657 Rev 4
1/10
10
BAL-CC25-01D3
50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x,
CC853x, transformer balun
Datasheet
production data
Features
 2.45 GHz balun with integrated matching
network
 Matching optimized for following chip-sets:
– CC2530, CC2531, CC2533
– CC2540
– CC2543, CC2544, CC2545
– CC2570, CC2571
– CC8520, CC8521
– CC8530, CC82531
 Low insertion loss
 Low amplitude imbalance
 Low phase imbalance
 Coated Flip-Chip on glass
 Small footprint: < 0.88 mm²
Benefits
 Very low profile
 High RF performance
 PCB space saving versus discrete solution
 BOM count reduction
 Efficient manufacturability
Description
STMicroelectronics BAL-CC25-01D3 is an ultra
miniature balun which integrates a matching
network in a monolithic glass substrate. This has
been customized for the CC25xx and CC85xx RF
transceivers.
It’s a design using STMicroelectronics IPD
(integrated passive device) technology on non-
conductive glass substrate to optimize RF
performance.
Figure 1. Pin configuration (top view)
Figure 2. Application schematic (top view)
SE
GND
RF_N
RF_P
www.st.com


Similar Part No. - BAL-CC25-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-CC25-02D3 STMICROELECTRONICS-BAL-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
More results

Similar Description - BAL-CC25-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
   50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
July 2016 Rev 1
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
DS12205 - Rev 3 - April 2018
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
   50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
September 2015 Rev 2
logo
Johanson Technology Inc...
2450FB15M0001 JOHANSON-2450FB15M0001 Datasheet
117Kb / 2P
   2.45 GHz Balun / Filter Combination, conjugate match for MTK chipset
logo
STMicroelectronics
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
DS12630 - Rev 1 - July 2018
logo
Johanson Technology Inc...
2450FB15M0001 JOHANSON-2450FB15M0001_09 Datasheet
272Kb / 3P
   2.45 GHz Filter Balun, conjugate match for MTK and BC05 chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com