Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS824R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BTS824R
Description  Smart High-Side Power Switch Four Channels: 4 x 90mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS824R Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS824R Datasheet HTML 1Page - Infineon Technologies AG BTS824R Datasheet HTML 2Page - Infineon Technologies AG BTS824R Datasheet HTML 3Page - Infineon Technologies AG BTS824R Datasheet HTML 4Page - Infineon Technologies AG BTS824R Datasheet HTML 5Page - Infineon Technologies AG BTS824R Datasheet HTML 6Page - Infineon Technologies AG BTS824R Datasheet HTML 7Page - Infineon Technologies AG BTS824R Datasheet HTML 8Page - Infineon Technologies AG BTS824R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BTS 824R
Infineon Technologies AG
1
2003-Oct-01
Smart High-Side Power Switch
Four Channels: 4 x 90m
Status Feedback
Product Summary
Package
Operating Voltage
Vbb
5.5...40V
Active channels one
four parallel
On-state Resistance
RON
90m
22.5m
Nominal load current
IL(NOM)
4.7A
19.0A
Current limitation
IL(SCr)
12A
12A
General Description
N channel vertical power MOSFET with charge pump, ground referenced CMOS compatible input and
diagnostic feedback, monolithically integrated in Smart SIPMOS
technology.
Providing embedded protecti
ve functions
Applications
µC compatible high-side power switch with diagnostic feedback for 12V and 24V grounded loads
All types of resistive, inductive and capacitve loads
Most suitable for loads with high inrush currents, so as lamps
Replaces electromechanical relays, fuses and discrete circuits
Basic Functions
Very low standby current
CMOS compatible input
Improved electromagnetic compatibility (EMC)
Fast demagnetization of inductive loads
Stable behaviour at undervoltage
Wide operating voltage range
Logic ground independent from load ground
Protection Functions
Block Diagram
Short circuit protection
Overload protection
Current limitation
Thermal shutdown
Overvoltage protection (including load dump) with external
resistor
Reverse battery protection with external resistor
Loss of ground and loss of Vbb protection
Electrostatic discharge protection (ESD)
Diagnostic Function
Diagnostic feedback with open drain output
Open load detection in OFF-state
Feedback of thermal shutdown in ON-state
Vbb
Logic
Channel 3
Channel 4
GND
Load 1
Load 2
Logic
Channel 1
Channel 2
Load 4
Load 3
IN1
ST1/2
IN2
IN3
ST3/4
IN4
Power SO 20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn