Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS824R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BTS824R
Description  Smart High-Side Power Switch Four Channels: 4 x 90mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS824R Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS824R Datasheet HTML 1Page - Infineon Technologies AG BTS824R Datasheet HTML 2Page - Infineon Technologies AG BTS824R Datasheet HTML 3Page - Infineon Technologies AG BTS824R Datasheet HTML 4Page - Infineon Technologies AG BTS824R Datasheet HTML 5Page - Infineon Technologies AG BTS824R Datasheet HTML 6Page - Infineon Technologies AG BTS824R Datasheet HTML 7Page - Infineon Technologies AG BTS824R Datasheet HTML 8Page - Infineon Technologies AG BTS824R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTS 824R
Infineon Technologies AG
4
2003-Oct-01
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 6)
Vbb
43
V
Supply voltage for full short circuit protection
Tj,start = -40 ...+150°C
Vbb
36
V
Load current (Short-circuit current, see page 6)
IL
self-limited
A
Load dump protection1) VLoadDump = VA + Vs, VA = 13.5 V
RI2) = 2
Ω, td = 400 ms; IN = low or high,
each channel loaded with RL = 13.5
Ω,
VLoaddump3)
60
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)4)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.6
1.9
W
Maximal switchable inductance, single pulse
Vbb = 12V, Tj,start = 150°C4), see diagrams on page 10
IL = 4.7 A, EAS = 120 mJ, 0 Ω
one channel:
IL = 9.5 A, EAS = 230 mJ, 0 Ω
two parallel channels:
IL = 19.0 A, EAS = 450 mJ, 0 Ω
four parallel channels:
ZL
7.9
3.7
1.8
mH
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
ST:
out to all other pins shorted:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
R=1.5k
Ω; C=100pF
VESD
1.0
4.0
8.0
kV
Input voltage (DC) see internal circuit diagram page 9
VIN
-10 ... +16
V
Current through input pin (DC)
Pulsed current through input pin5)
Current through status pin (DC)
IIN
IINp
IST
±0.3
±5.0
±5.0
mA
1
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended.
2)
RI = internal resistance of the load dump test pulse generator
3)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
4
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 14
5
)
only for testing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn