Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS736L2 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BTS736L2
Description  Smart High-Side Power Switch Two Channels: 2 x 40mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS736L2 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS736L2 Datasheet HTML 1Page - Infineon Technologies AG BTS736L2 Datasheet HTML 2Page - Infineon Technologies AG BTS736L2 Datasheet HTML 3Page - Infineon Technologies AG BTS736L2 Datasheet HTML 4Page - Infineon Technologies AG BTS736L2 Datasheet HTML 5Page - Infineon Technologies AG BTS736L2 Datasheet HTML 6Page - Infineon Technologies AG BTS736L2 Datasheet HTML 7Page - Infineon Technologies AG BTS736L2 Datasheet HTML 8Page - Infineon Technologies AG BTS736L2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PROFET® BTS 736 L2
Semiconductor Group
1 of 14
2003-Oct-01
Smart High-Side Power Switch
Two Channels: 2 x 40m
Status Feedback
Product Summary
Package
Operating Voltage
Vbb(on)
4.75...41V
Active channels one
two parallel
On-state Resistance
RON
40m
20m
Nominal load current
IL(NOM)
4.8A
7.3A
Current limitation
IL(SCr)
30A
30A
General Description
N channel vertical power MOSFET with charge pump, ground referenced CMOS compatible input and
diagnostic feedback, monolithically integrated in Smart SIPMOS
technology.
Providing embedded protective functions
Applications
µC compatible high-side power switch with diagnostic feedback for 5V, 12V and 24V grounded loads
All types of resistive, inductive and capacitve loads
Most suitable for loads with high inrush currents, so as lamps
Replaces electromechanical relays, fuses and discrete circuits
Basic Functions
Very low standby current
CMOS compatible input
Fast demagnetization of inductive loads
Stable behaviour at undervoltage
Wide operating voltage range
Logic ground independent from load ground
Protection Functions
Short circuit protection
Overload protection
Current limitation
Thermal shutdown
Overvoltage protection (including load dump) with external
resistor
Reverse battery protection with external resistor
Loss of ground and loss of Vbb protection
Electrostatic discharge protection (ESD)
Diagnostic Function
Diagnostic feedback with open drain output
Open load detection in ON-state
Feedback of thermal shutdown in ON-state
Block Diagram
P-DSO-20-9
Vbb
Logic
Channel
1
Logic
Channel
2
IN1
ST1
IN2
ST2
GND
Load 1
Load 2
PROFET
OUT 1
OUT 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn