Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS728L2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. BTS728L2
Description  Smart High-Side Power Switch Two Channels: 2 x 60mΩ Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS728L2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS728L2 Datasheet HTML 2Page - Infineon Technologies AG BTS728L2 Datasheet HTML 3Page - Infineon Technologies AG BTS728L2 Datasheet HTML 4Page - Infineon Technologies AG BTS728L2 Datasheet HTML 5Page - Infineon Technologies AG BTS728L2 Datasheet HTML 6Page - Infineon Technologies AG BTS728L2 Datasheet HTML 7Page - Infineon Technologies AG BTS728L2 Datasheet HTML 8Page - Infineon Technologies AG BTS728L2 Datasheet HTML 9Page - Infineon Technologies AG BTS728L2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTS 728 L2
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
Max
Semiconductor Group
6
2003-Oct-01
Diagnostic Characteristics
Open load detection current, (on-condition)
each channel
I L (OL)
1
10
--
500
mA
Input and Status Feedback15)
Input resistance
(see circuit page 8)
RI
2.5
3.5
6
k
Input turn-on threshold voltage
VIN(T+)
1.7
--
3.2
V
Input turn-off threshold voltage
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V:
IIN(off)
1
--
50
µA
On state input current
VIN = 5 V:
IIN(on)
20
50
90
µA
Delay time for status with open load after switch
off; (see diagram on page 13)
td(ST OL4)
100
520
900
µs
Status invalid after positive input slope
(open load)
td(ST)
--
--
500
µs
Status output (open drain)
Zener limit voltage
IST = +1.6 mA:
ST low voltage
IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
6.1
--
--
0.4
V
15) If ground resistors R
GND are used, add the voltage drop across these resistors.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn