Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS723GW Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. BTS723GW
Description  Smart High-Side Power Switch Two Channels: 2 x 100mΩ Status Feedback Suitable for 42V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS723GW Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS723GW Datasheet HTML 1Page - Infineon Technologies AG BTS723GW Datasheet HTML 2Page - Infineon Technologies AG BTS723GW Datasheet HTML 3Page - Infineon Technologies AG BTS723GW Datasheet HTML 4Page - Infineon Technologies AG BTS723GW Datasheet HTML 5Page - Infineon Technologies AG BTS723GW Datasheet HTML 6Page - Infineon Technologies AG BTS723GW Datasheet HTML 7Page - Infineon Technologies AG BTS723GW Datasheet HTML 8Page - Infineon Technologies AG BTS723GW Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BTS 723 GW
Infineon Technologies AG
3
2003-Oct-01
Pin Definitions and Functions
Pin
Symbol
Function
1,7,
8,14,
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
2
IN1
6
IN2
Input 1,2 activates channel 1,2 in case
of logic high signal
12,13
OUT1
9,10
OUT2
Output 1,2 protected high-side power output
of channel 1,2. Design the wiring for the max.
short circuit current; both outputpins have to be
connected in parallel for operation according
this spec.
3
ST1
5
ST2
Diagnostic feedback 1,2 of channel 1,2
open drain
4
GND
Logic Ground
11
SPU
Connection for external pull up voltage source
for the open drain status output.
Pull up resistors are integrated.
Pin configuration
(top view)
Vbb
1
14 V
bb
IN1
2
13 OUT1
ST1
3
12 OUT1
GND
4
11 SPU
ST2
5
10 OUT2
IN2
6
9 OUT2
Vbb
7
8 Vbb


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn