Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS723GW Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. BTS723GW
Description  Smart High-Side Power Switch Two Channels: 2 x 100mΩ Status Feedback Suitable for 42V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS723GW Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS723GW Datasheet HTML 1Page - Infineon Technologies AG BTS723GW Datasheet HTML 2Page - Infineon Technologies AG BTS723GW Datasheet HTML 3Page - Infineon Technologies AG BTS723GW Datasheet HTML 4Page - Infineon Technologies AG BTS723GW Datasheet HTML 5Page - Infineon Technologies AG BTS723GW Datasheet HTML 6Page - Infineon Technologies AG BTS723GW Datasheet HTML 7Page - Infineon Technologies AG BTS723GW Datasheet HTML 8Page - Infineon Technologies AG BTS723GW Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BTS 723 GW
Infineon Technologies AG
2
2003-Oct-01
Functional diagram
Functions and Components of
inputlogic and gate-control:
-
ESD-protection
-
Charge pump, level shifter,
rectifier
-
Gate protection
-
Current limit
-
Limit for unclamped
inductive loads
Function and components of
outputlogic
-
Open load detection
-
Short circuit detection
-
Temperature sensor
Status 1
Function see truthtable
Function and components of
inputlogic and gate-control
equivalent to channel one
Function and components of
outputlogic equivalent to
channel one
Status 2
Function see truthtable
2 IN1
PROFET
Vbb
Leadframe:
OUT1
12, 13
Load GND
Load 1
Load 2
OUT2 9, 10
Load GND
11
SPU: Pin for external Pull Up Voltage
5 ST2
4
Logic GND
3 ST1
6 IN2
Logic channel one
Logic channel two
Vbb
1, 7,
8, 14
R = 20k
R = 12k
R = 850
R = 20k
R = 850


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn