Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS391PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS391PW
Description  High-Speed Differential Line Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS391PW Datasheet(HTML) 3 Page - Texas Instruments

  SN75LVDS391PW Datasheet HTML 1Page - Texas Instruments SN75LVDS391PW Datasheet HTML 2Page - Texas Instruments SN75LVDS391PW Datasheet HTML 3Page - Texas Instruments SN75LVDS391PW Datasheet HTML 4Page - Texas Instruments SN75LVDS391PW Datasheet HTML 5Page - Texas Instruments SN75LVDS391PW Datasheet HTML 6Page - Texas Instruments SN75LVDS391PW Datasheet HTML 7Page - Texas Instruments SN75LVDS391PW Datasheet HTML 8Page - Texas Instruments SN75LVDS391PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
VCC
VCC
GND
ENA
A1A
A2A
A3A
A4A
ENB
B1A
B2A
B3A
B4A
GND
VCC
VCC
GND
C1A
C2A
C3A
C4A
ENC
D1A
D2A
D3A
D4A
END
GND
VCC
VCC
GND
A1Y
A1Z
A2Y
A2Z
A3Y
A3Z
A4Y
A4Z
B1Y
B1Z
B2Y
B2Z
B3Y
B3Z
B4Y
B4Z
C1Y
C1Z
C2Y
C2Z
C3Y
C3Z
C4Y
C4Z
D1Y
D1Z
D2Y
D2Z
D3Y
D3Z
D4Y
D4Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VCC
GND
ENA
A1A
A2A
A3A
A4A
GND
VCC
GND
B1A
B2A
B3A
B4A
ENB
GND
VCC
GND
A1Y
A1Z
A2Y
A2Z
A3Y
A3Z
A4Y
A4Z
NC
NC
NC
B1Y
B1Z
B2Y
B2Z
B3Y
B3Z
B4Y
B4Z
’LVDS389
DBT PACKAGE
(TOP VIEW)
’LVDS387
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN1,2
1A
2A
VCC
GND
3A
4A
EN3,4
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z
’LVDS391
D OR PW PACKAGE
(TOP VIEW)
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
www.ti.com
SLLS362G – SEPTEMBER 1999 – REVISED JANUARY 2016
5 Description (Continued)
When disabled, the driver outputs are high-impedance. Each driver input (A) and enable (EN) have an internal
pulldown that will drive the input to a low level when open-circuited.
The SN65LVDS387, SN65LVDS389, and SN65LVDS391 devices are characterized for operation from –40°C to
85°C. The SN75LVDS387, SN75LVDS389, and SN75LVDS391 devices are characterized for operation from 0°C
to 70°C.
6 Device Options
PART NUMBER(1)
TEMPERATURE RANGE
NUMBER OF DRIVERS
BUS-PIN ESD
SN65LVDS387DGG
–40°C to 85°C
16
15 kV
SN75LVDS387DGG
0°C to 70°C
16
4 kV
SN65LVDS389DBT
–40°C to 85°C
8
15 kV
SN75LVDS389DBT
0°C to 70°C
8
4 kV
SN65LVDS391D
–40°C to 85°C
4
15 kV
SN75LVDS391D
0°C to 70°C
4
4 kV
SN65LVDS391PW
–40°C to 85°C
4
15 kV
SN75LVDS391PW
0°C to 70°C
4
4 kV
(1)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (for example, SN65LVDS387DGGR).
7 Pin Configuration and Functions
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65LVDS387 SN75LVDS387 SN65LVDS389 SN75LVDS389 SN65LVDS391 SN75LVDS391


Similar Part No. - SN75LVDS391PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS391PW TI-SN75LVDS391PW Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PW TI-SN75LVDS391PW Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWG4 TI-SN75LVDS391PWG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWR TI-SN75LVDS391PWR Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWR TI-SN75LVDS391PWR Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS391PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com