Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS180PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS180PW
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS180PW Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS180PW Datasheet HTML 1Page - Texas Instruments SN65LVDS180PW Datasheet HTML 2Page - Texas Instruments SN65LVDS180PW Datasheet HTML 3Page - Texas Instruments SN65LVDS180PW Datasheet HTML 4Page - Texas Instruments SN65LVDS180PW Datasheet HTML 5Page - Texas Instruments SN65LVDS180PW Datasheet HTML 6Page - Texas Instruments SN65LVDS180PW Datasheet HTML 7Page - Texas Instruments SN65LVDS180PW Datasheet HTML 8Page - Texas Instruments SN65LVDS180PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
www.ti.com
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Pin Functions: SN65LVDS179
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
1
Supply voltage
GND
4
Ground
D
3
I
LVTTL input signal
Y
5
O
Differential (LVDS) non-inverting output
Z
6
O
Differential (LVDS) inverting output
R
2
O
LVTTL output signal
A
8
I
Differential (LVDS) non-inverting input
B
7
I
Differential (LVDS) inverting input
Pin Functions: SN65LVDS180
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
13, 14
Supply voltage
GND
6, 7
Ground
D
5
I
LVTTL input signal
Y
9
O
Differential (LVDS) non-inverting output
Z
10
O
Differential (LVDS) inverting output
R
2
O
LVTTL output signal
A
12
I
Differential (LVDS) non-inverting input
B
11
I
Differential (LVDS) inverting input
DE
4
I
Driver enable
RE/
3
I
Receiver enable
NC
1, 8
No connection
Pin Functions: SN65LVDS050
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
16
Supply voltage
GND
8
Ground
1D
15
I
LVTTL input signal
1Y
14
O
Differential (LVDS) non-inverting output
1Z
13
O
Differential (LVDS) inverting output
2D
9
I
LVTTL input signal
2Y
10
O
Differential (LVDS) non-inverting output
2Z
11
O
Differential (LVDS) inverting output
1R
3
O
LVTTL output signal
1A
2
I
Differential (LVDS) non-inverting input
1B
1
I
Differential (LVDS) inverting input
2R
5
O
LVTTL output signal
2A
6
I
Differential (LVDS) non-inverting input
2B
7
I
Differential (LVDS) inverting input
DE
12
I
Driver enable
RE/
4
I
Receiver enable


Similar Part No. - SN65LVDS180PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS180PW TI-SN65LVDS180PW Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180PW TI-SN65LVDS180PW Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180PW TI-SN65LVDS180PW Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180PWG4 TI-SN65LVDS180PWG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180PWG4 TI-SN65LVDS180PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS180PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com