Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CI-Q1 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CI-Q1
Description  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CI-Q1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TL16C752CI-Q1 Datasheet HTML 32Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 33Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 34Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 35Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 36Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 37Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 38Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 39Page - Texas Instruments TL16C752CI-Q1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
36
TL16C752CI-Q1
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
IER[7:4] can be modified only if EFR[4] is set, that is, EFR[4] is a write enable.
Re-enabling IER[1] causes a new interrupt, if the THR is below the threshold.
8.5.9 Interrupt Enable Register (IER)
The interrupt enable register (IER) enables each of the six types of interrupt, receiver error, RHR interrupt, THR
interrupt, Xoff received, or CTS/RTS change of state from low to high. The INT output signal is activated in
response to interrupt generation. Table 13 shows interrupt enable register bit settings.
Table 13. Interrupt Enable Register (IER) Bit Settings(1)
BIT
BIT SETTINGS
0
0 = Disable the RHR interrupt
1 = Enable the RHR interrupt
1
0 = Disable the THR interrupt
1 = Enable the THR interrupt
2
0 = Disable the receiver line status interrupt
1 = Enable the receiver line status interrupt
3
0 = Disable the modem status register interrupt
1 = Enable the modem status register interrupt
4
0 = Disable sleep mode
1 = Enable sleep mode
5
0 = Disable the Xoff interrupt
1 = Enable the Xoff interrupt
6
0 = Disable the RTS interrupt
1 = Enable the RTS interrupt
7
0 = Disable the CTS interrupt
1 = Enable the CTS interrupt


Similar Part No. - TL16C752CI-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CIPFB TI-TL16C752CIPFB Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHB TI-TL16C752CIRHB Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CI-Q1

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com