Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD205ADG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD205ADG4
Description  Multipoint-LVDS Line Driver and Receiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD205ADG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65MLVD205ADG4 Datasheet HTML 2Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 3Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 4Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 5Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 6Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 7Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 8Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 9Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573D – DECEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
7.7 Electrical Characteristics – Receiver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Type 1
50
VIT+
Positive-going differential input voltage threshold
mV
Type 2
150
Type 1
–50
See Figure 9, Table 1, and
VIT-
Negative-going differential input voltage threshold
mV
Table 2
Type 2
50
Type 1
25
VHYS
Differential input voltage hysteresis, (VIT+ – VIT–)
mV
Type 2
0
VOH
High-level output voltage (R)
IOH = –8 mA
2.4
V
VOL
Low-level output voltage (R)
IOL = 8 mA
0.4
V
IIH
High-level input current (RE)
VIH = 2 V to VCC
–10
0
µA
IIL
Low-level input current (RE)
VIL = GND to 0.8 V
–10
0
µA
IOZ
High-impedance output current (R)
VO = 0 V or 3.6 V
–10
15
µA
CA or
VI = 0.4 sin(30E6πt) + 0.5 V
(2),
Input capacitance
3
pF
CB
Other input at 1.2 V
CAB
Differential input capacitance
VAB = 0.4 sin(30E6πt) V
(2)
2.5
pF
CA/B
Input capacitance balance, (CA/CB)
0.99
1.01
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
7.8 Electrical Characteristics – BUS Input and Output
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VA = 3.8 V,
VB = 1.2 V,
0
32
Receiver or transceiver with driver disabled
IA
VA = 0 V or 2.4 V,
VB = 1.2 V
–20
20
µA
input current
VA = –1.4 V,
VB = 1.2 V
–32
0
VB = 3.8 V,
VA = 1.2 V
0
32
Receiver or transceiver with driver disabled
IB
VB = 0 V or 2.4 V,
VA = 1.2 V
–20
20
µA
input current
VB = –1.4 V,
VA = 1.2 V
–32
0
Receiver or transceiver with driver disabled
IAB
VA = VB,
1.4
≤ VA ≤ 3.8 V
–4
4
µA
differential input current (IA – IB)
VA = 3.8 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
0
32
IA(OFF)
Receiver or transceiver power-off input current
VA = 0 V or 2.4 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–20
20
µA
VA = –1.4 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
VB = 3.8 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
0
32
IB(OFF)
Receiver or transceiver power-off input current
VB = 0 V or 2.4 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–20
20
µA
VB = –1.4 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
Receiver input or transceiver power-off
IAB(OFF)
VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V
–4
4
µA
differential input current (IA – IB)
Transceiver with driver disabled input
CA
VA = 0.4 sin (30E6πt) + 0.5 V
(2), V
B = 1.2 V
5
pF
capacitance
Transceiver with driver disabled input
CB
VB = 0.4 sin (30E6πt) + 0.5 V
(2), V
A = 1.2 V
5
pF
capacitance
Transceiver with driver disabled differential
CAB
VAB = 0.4 sin (30E6πt)V
(2)
3
pF
input capacitance
Transceiver with driver disabled input
CA/B
0.99
1.01
capacitance balance, (CA/CB)
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN65MLVD200A SN65MLVD202A SN65MLVD204A SN65MLVD205A


Similar Part No. - SN65MLVD205ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD205ADG4 TI-SN65MLVD205ADG4 Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD205ADG4 TI-SN65MLVD205ADG4 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD205ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com