Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9539 Datasheet(PDF) 24 Page - Texas Instruments

Part # TCA9539
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TCA9539_15 Datasheet HTML 20Page - Texas Instruments TCA9539_15 Datasheet HTML 21Page - Texas Instruments TCA9539_15 Datasheet HTML 22Page - Texas Instruments TCA9539_15 Datasheet HTML 23Page - Texas Instruments TCA9539_15 Datasheet HTML 24Page - Texas Instruments TCA9539_15 Datasheet HTML 25Page - Texas Instruments TCA9539_15 Datasheet HTML 26Page - Texas Instruments TCA9539_15 Datasheet HTML 27Page - Texas Instruments TCA9539_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
1
2
3
4
5
6
7
8
9
S
1
1
1
0
1
A
A
10.x
A
11.x
A
10.x
1
11.x
P
R/W
SCL
SDA
INT
tir
tiv
tph
00
10
03
12
tps
tph
tps
Read From Port 0
Data Into Port 0
Read From Port 1
Data Into Port 1
Data 02
Data 01
Data 00
Data 03
Data 12
Data 11
Data 10
Acknowledge
From Slave
Acknowledge
From Master
Acknowledge
From Master
Acknowledge
From Master
No Acknowledge
From Master
1
A1 A0
1
2
3
4
5
6
7
8
9
S
1
1
1
0
1
A
7
6
5
4
3
2
1
0
A
10.x
7
6
5
4
3
2
1
0
A
11.x
7
6
5
4
3
2
1
0
A
10.x
7
6
5
4
3
2
1
0
1
11.x
P
R/W
SCL
SDA
INT
tir
tiv
Read From Port 0
Data Into Port 0
Read From Port 1
Data Into Port 1
Acknowledge
From Master
Acknowledge
From Slave
Acknowledge
From Master
Acknowledge
From Master
No Acknowledge
From Master
1
A1 A0
24
TCA9539
SCPS202B – OCTOBER 2009 – REVISED OCTOBER 2015
www.ti.com
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Data is clocked into the register on the rising edge of the ACK clock pulse. There is no limitation on the number
of data bytes received in one read transmission, but when the final byte is received, the bus master must not
acknowledge the data.
A.
Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest
acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 00 (Read
Input Port register).
B.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port (see Figure 31 for these details).
Figure 32. Read Input Port Register, Scenario 1
<br/>
A.
Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest
acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 00 (Read
Input Port register).
B.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port (see Figure 31 for these details).
Figure 33. Read Input Port Register, Scenario 2


Similar Part No. - TCA9539_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539 TI1-TCA9539_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
More results

Similar Description - TCA9539_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
TCA9535 TI1-TCA9535_17 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
   Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
logo
Texas Instruments
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com