Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD204ADG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD204ADG4
Description  Multipoint-LVDS Line Driver and Receiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD204ADG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD204ADG4 Datasheet HTML 1Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 2Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 3Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 4Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 5Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 6Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 7Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 8Page - Texas Instruments SN65MLVD204ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
4
3
1
2
DE
D
RE
R
6
7
A
B
5
4
2
3
DE
D
RE
R
12
11
A
B
10
9
Y
Z
SN65MLVD202A, SN65MLVD205A
SN65MLVD200A, SN65MLVD204A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573D – DECEMBER 2003 – REVISED DECEMBER 2015
SN65MLVD20xx Multipoint-LVDS Line Driver and Receiver
1 Features
2 Applications
1
Low-Voltage Differential 30-
Ω to 55-Ω Line Drivers
Low-Power, High-Speed, Short-Reach Alternative
and Receivers for Signaling Rates(1) up to
to TIA/EIA-485
100 Mbps, Clock Frequencies up to 50 MHz
Backplane or Cabled Multipoint Data and Clock
Type-1 Receivers Incorporate 25 mV of
Transmission
Hysteresis (SN65MLVD200A, SN65MLVD202A)
Cellular Base Stations
Type-2 Receivers Provide an Offset (100 mV)
Central Office Switches
Threshold to Detect Open-Circuit and Idle-Bus
Network Switches and Routers
Conditions (SN65MLVD204A, SN65MLVD205A)
Meets or Exceeds the M-LVDS Standard
3 Description
TIA/EIA-899 for Multipoint Data Interchange
The SN65MLVD20xx devices are multipoint low-
Controlled Driver Output Voltage Transition Times
voltage
differential
(M-LVDS)
line
drivers
and
receivers that are optimized to operate at signaling
for Improved Signal Quality
rates up to 100 Mbps. All parts comply with the
–1 V to 3.4 V of Common-Mode Voltage Range
multipoint low-voltage differential signaling (M-LVDS)
Allows Data Transfer With 2 V of Ground Noise
standard TIA/EIA-899.
Bus Pins High Impedance When Disabled
The SN65MLVD20xx devices have enhancements
or VCC ≤ 1.5 V
over their predecessors. Improved features include
200-Mbps Devices Available (SN65MLVD201,
controlled slew rate on the driver output to help
SN65MLVD203, SN65MLVD206, SN65MLVD207)
minimize reflections from unterminated stubs, which
Bus Pin ESD Protection Exceeds 8 kV
results in better signal integrity. Additionally, 8-kV
ESD protection on the bus pins for more robustness.
Packages Available:
The same footprint definition was maintained making
8-Pin SOIC
for an easy drop-in replacement for a system
SN65MLVD200A, SN65MLVD204A
performance upgrade.
14-Pin SOIC
The devices are characterized for operation from
SN65MLVD202A, SN65MLVD205A
–40°C to 85°C.
Improved Alternatives to the SN65MLVD200,
SN65MLVD202A, SN65MLVD204A, and
Device Information(1)
SN65MLVD205A Devices
PART NUMBER
PACKAGE
BODY SIZE (NOM)
(1)
The signaling rate of a line, is the number of voltage
SN65MLVD200A
SOIC (8)
4.90 mm × 3.91 mm
transitions that are made per second expressed in the units
SN65MLVD204A
bps (bits per second).
SN65MLVD202A
SOIC (14)
8.65 mm × 3.91 mm
SN65MLVD205A
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagrams (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65MLVD204ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD204ADG4 TI-SN65MLVD204ADG4 Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204ADG4 TI-SN65MLVD204ADG4 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD204ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com