Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0603010RJNEAHP Datasheet(PDF) 1 Page - Texas Instruments

Part # CRCW0603010RJNEAHP
Description  Fault-Protected RS-485 Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CRCW0603010RJNEAHP Datasheet(HTML) 1 Page - Texas Instruments

  CRCW0603010RJNEAHP Datasheet HTML 1Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 2Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 3Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 4Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 5Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 6Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 7Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 8Page - Texas Instruments CRCW0603010RJNEAHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
V
upto70V
FAULT
M0092-02
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
SN65HVD1780-Q1, SN65HVD1781-Q1, SN65HVD1782-Q1
SLLSE49B – SEPTEMBER 2010 – REVISED JANUARY 2016
SN65HVD178x-Q1 Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results
Device Temperature Grade 1:
–40°C to 125°C Ambient Operating
Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESG Classification Level C3B
Bus-Pin Fault Protection to:
> ±70 V ('HVD1780-Q1, 'HVD1781-Q1)
> ±30 V ('HVD1782-Q1)
Operation With 3.3-V to 5-V Supply Range
±16-kV HBM Protection on Bus Pins
Reduced Unit Load for up to 320 Nodes
Failsafe Receiver for Open-Circuit, Short-Circuit
and Idle-Bus Conditions
Low Power Consumption
Low Standby Supply Current, 1
μA Maximum
ICC 4-mA Quiescent During Operation
Pin-Compatible With Industry-Standard SN75176
Signaling Rates of 115 kbps, 1 Mbps, and up to
10 Mbps
2 Applications
Automotive Data Links
3 Description
These devices are designed to survive overvoltage
faults such as direct shorts to power supplies, mis-
wiring faults, connector failures, cable crushes, and
tool mis-applications. They are also robust to ESD
events, with high levels of protection to the human-
body-model specification.
These devices combine a differential driver and a
differential receiver, which operate from a single
power supply. In the 'HVD1782, the driver differential
outputs and the receiver differential inputs are
connected internally to form a bus port suitable for
half-duplex (two-wire bus) communication. This port
features a wide common-mode voltage range, making
the devices suitable for multipoint applications over
long cable runs. These devices are characterized
from –40°C to 125°C. These devices are pin-
compatible
with
the
industry-standard
SN75176
transceiver, making them drop-in upgrades in most
systems.
These devices are fully compliant with ANSI TIA/EIA
485-A with a 5-V supply and can operate with a 3.3-V
supply with reduced driver output voltage for low-
power applications. For applications where operation
is required over an extended common-mode voltage
range, see the SN65HVD1785 (SLLS872) data sheet.
Device Information(1)
PART NUMBER
SIGNALING RATE
NUMBER OF
NODES
SN65HVD1780-Q1
Up to 115 kbps
Up to 320
SN65HVD1781-Q1
Up to 1 Mbps
Up to 320
SN65HVD1782-Q1
Up to 10 Mbps
Up to 64
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - CRCW0603010RJNEAHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CRCW0603010RJNEAHP TI1-CRCW0603010RJNEAHP Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
CRCW0603010RJNEAHP TI1-CRCW0603010RJNEAHP Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
More results

Similar Description - CRCW0603010RJNEAHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com