Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS179 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDS179
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS179 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS179_16 Datasheet HTML 1Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 2Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 3Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 4Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 5Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 6Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 7Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 8Page - Texas Instruments SN65LVDS179_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
300 k
50
VCC
7 V
D or
RE
Input
300 k
50
VCC
7 V
DE
Input
5
10 k
7 V
Y or Z
Output
VCC
7 V
VCC
7 V
R Output
VCC
5
B Input
A Input
300 k
300 k
7 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
SN65LVDSxxx High-Speed Differential Line Drivers and Receivers
1
1 Features
1
Meets or Exceeds the Requirements of ANSI
TIA/EIA-644-1995 Standard
Full-Duplex Signaling Rates up to 150 Mbps (See
Table 1)
Bus-Pin ESD Exceeds 12 kV
Operates From a Single 3.3-V Supply
Low-Voltage Differential Signaling With Typical
Output Voltages of 350 mV and a 100-
Ω Load
Propagation Delay Times
Driver: 1.7 ns Typical
Receiver: 3.7 ns Typical
Power Dissipation at 200 MHz
Driver: 25 mW Typical
Receiver: 60 mW Typical
LVTTL Input Levels Are 5-V Tolerant
Receiver Maintains High Input Impedance With
VCC < 1.5 V
Receiver Has Open-Circuit Fail Safe
2 Applications
Wireless Infrastructure
Telecom Infrastructure
Printer
3 Description
The SN65LVDS179, SN65LVDS180, SN65LVDS050,
and SN65LVDS051 devices are differential line
drivers and receivers that use low-voltage differential
signaling (LVDS) to achieve signaling rates as high
as 400 Mbps (see Table 1). The TIA/EIA-644
standard-compliant electrical interface provides a
minimum differential output voltage magnitude of 247
mV into a 100-
Ω load and receipt of 100-mV signals
with up to 1 V of ground potential difference between
a transmitter and receiver.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65LVDS179
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
SN65LVDS180
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
SN65LVDS050
SOIC (16)
9.90 mm × 3.91 mm
TSSOP (16)
5.00 mm × 4.40 mm
SN65LVDS051
SOIC (16)
9.90 mm × 3.91 mm
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Equivalent Input and Output Schematic Diagrams


Similar Part No. - SN65LVDS179_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179D TI-SN65LVDS179D Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179D TI-SN65LVDS179D Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179D TI-SN65LVDS179D Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DG4 TI-SN65LVDS179DG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS179_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com