Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVS885PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS885PWPR
Description  34-V Digital-Input Serializer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS885PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVS885PWPR Datasheet HTML 4Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 5Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 6Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 7Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 8Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 9Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 10Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 11Page - Texas Instruments SN65HVS885PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
IPx
RIN
GND
VTH(IN)
VTH(IP)
IIN
SN65HVS885
CLK
inhibited
t
SU2
CLK
CE
CLK
t
PLH1
t
PHL1
t
f
t
r
t
W1
1/f
CLK
SOP
CLK
valid
t
SU1
t
H1
SIP
t
W2
t
LPH2
t
PLH2
LD
SOP
CLK
t
REC
LD
SN65HVS885
SLAS638A – JANUARY 2009 – REVISED OCTOBER 2015
www.ti.com
7 Parameter Measurement Information
7.1 Waveforms
For the complete serial interface timing, refer to Figure 17.
Figure 4. Parallel – Load Mode
Figure 5. Serial – Shift Mode
Figure 6. Serial – Shift Mode
Figure 7. Serial – Shift Mode
Figure 8. Serial – Shift Mode
7.2 Signal Conventions
Figure 9. On/Off Threshold Voltage Measurements
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVS885


Similar Part No. - SN65HVS885PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS885PWPR TI1-SN65HVS885PWPR Datasheet
828Kb / 21P
[Old version datasheet]   34 V, Digital-Input Serializer for 5V Systems
More results

Similar Description - SN65HVS885PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS885 TI1-SN65HVS885 Datasheet
828Kb / 21P
[Old version datasheet]   34 V, Digital-Input Serializer for 5V Systems
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
[Old version datasheet]   24 V, Eight-Channel Digital-Input Serializer
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com