Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD485EDGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD485EDGKR
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485EDGKR Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD485EDGKR Datasheet HTML 1Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 2Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 3Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 4Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 5Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 6Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 7Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 8Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SN65HVD485E
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 12
3
Description ............................................................. 1
9.3
Feature Description................................................. 12
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 12
5
Device Comparison Table..................................... 3
10
Application and Implementation........................ 14
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 14
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 14
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 18
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 18
7.3
Recommended Operating Conditions ...................... 4
12.1
Layout Guidelines ................................................. 18
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 18
7.5
Electrical Characteristics: Driver ............................... 5
13
Device and Documentation Support ................. 19
7.6
Electrical Characteristics: Receiver .......................... 5
13.1
Device Support...................................................... 19
7.7
Power Dissipation Characteristics ............................ 6
13.2
Documentation Support ........................................ 20
7.8
Supply Current .......................................................... 6
13.3
Community Resources.......................................... 20
7.9
Switching Characteristics: Driver .............................. 6
13.4
Trademarks ........................................................... 20
7.10
Switching Characteristics: Receiver........................ 6
13.5
Electrostatic Discharge Caution ............................ 20
7.11
Dissipation Ratings ................................................. 7
13.6
Glossary ................................................................ 20
7.12
Typical Characteristics ............................................ 7
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 8
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (July 2015) to Revision E
Page
Changed 3.3 V To: 5 V at pin VCC in Figure 20 ................................................................................................................... 16
Changes from Revision C (March 2007) to Revision D
Page
Added Pin Configuration and Functions section, Feature Description section, Device Functional Modes, Application
and Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
Deleted Ordering Information table ....................................................................................................................................... 1
Changed Thermal Information table ...................................................................................................................................... 5
Added Power Dissipation Characteristics table...................................................................................................................... 6
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD485E


Similar Part No. - SN65HVD485EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDGKR TI1-SN65HVD485EDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGKRG4 TI1-SN65HVD485EDGKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com