Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1781QDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1781QDRQ1
Description  Fault-Protected RS-485 Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1781QDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD1781QDRQ1 Datasheet HTML 1Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 2Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 3Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 4Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 5Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
SN65HVD1780-Q1, SN65HVD1781-Q1, SN65HVD1782-Q1
SLLSE49B – SEPTEMBER 2010 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65HVD1780-Q1 SN65HVD1781-Q1 SN65HVD1782-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings—AEC
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
Bus terminals and GND
±16000
V
All pins
±4000
Charged-device model (CDM), per AEC Q100-011
±2000
Machine Model (MM), AEC-Q100-003
±400
6.3 ESD Ratings—IEC
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per IEC 60749-26
Bus terminals and GND
±16000
V
(1)
By convention, the least positive (most negative) limit is designated as minimum in this data sheet.
6.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.15
5
5.5
V
VI
Input voltage at any bus terminal (separately or common mode)(1)
–7
12
V
VIH
High-level input voltage (driver, driver enable, and receiver enable inputs)
2
VCC
V
VIL
Low-level input voltage (driver, driver enable, and receiver enable inputs)
0
0.8
V
VID
Differential input voltage
–12
12
V
IO
Output current, driver
–60
60
mA
Output current, receiver
–8
8
mA
RL
Differential load resistance
54
60
CL
Differential load capacitance
50
pF
1/tUI
Signaling rate
SN65HVD1780-Q1
115
Mbps
SN65HVD1781-Q1
1
SN65HVD1782-Q1
10
TA
Operating free-air temperature (See the
Thermal Information table)
5-V supply
–40
105
°C
3.3-V supply
–40
125
TJ
Junction Temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
SN65HVD1780-Q1
SN65HVD1781-Q1
SN65HVD1782-Q1
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
JEDEC high-K model
138
°C/W
JEDIC low-K model
242
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61
°C/W
RθJB
Junction-to-board thermal resistance
62
°C/W
ψJT
Junction-to-top characterization parameter
3.8
°C/W
ψJB
Junction-to-board characterization parameter
38.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - SN65HVD1781QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781QDRQ1 TI1-SN65HVD1781QDRQ1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results

Similar Description - SN65HVD1781QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com